Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIG030TS Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # TIG030TS
Description  N-Channel IGBT Light-Controlling Flash Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG030TS Datasheet(HTML) 4 Page - Sanyo Semicon Device

  TIG030TS Datasheet HTML 1Page - Sanyo Semicon Device TIG030TS Datasheet HTML 2Page - Sanyo Semicon Device TIG030TS Datasheet HTML 3Page - Sanyo Semicon Device TIG030TS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TIG030TS
No. A0637-4/4
PS
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Note : TIG030TS has protection diode between gate and emitter but handling it requires sufficient care to
be taken.
IT11965
20
40
60
80
100
120
140
0
160
50
0
100
150
200
250
300
350
400
450
Collector Current (Pulse), ICP -- A
CM -- ICP
ICP -- VGE
Gate-to-Emitter Voltage, VGE -- V
VCM=330V
Tc
≤70°C
VGE=4V
RG≥50Ω
IT09937
24
5
6
7
8
3
1
0
0
20
40
60
80
100
120
140
160
CM=400µF
Tc=25
°C
Tc=70
°C
Turn OFF dv / dt -- RG
Gate Series Resistance, RG -- Ω
Collector Current, IC -- A
SW Time -- IC
IT11964
40
80
100
120
60
20
0
0
100
200
300
400
500
600
23
5
7
3
2
100
10
IT11963
1000
5
3
2
7
7
5
3
2
5
100
td(off)
t r
td(on)
RL=2.2Ω, Tc=25°C
VGE=4V, RG=82Ω
PW=
50
µs
tf
Xe -Tube Load
VCC=330V, ICP=120A,
VGE=4V, PW=50µs
Driver :
SANYO TND721MH5
Tc=25
°C
This catalog provides information as of May, 2007. Specifications and information herein are subject
to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com