Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1262 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1262
Description  500 mA Fixed Output CMOS LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 5 Page - Microchip Technology

  TC1262 Datasheet HTML 1Page - Microchip Technology TC1262 Datasheet HTML 2Page - Microchip Technology TC1262 Datasheet HTML 3Page - Microchip Technology TC1262 Datasheet HTML 4Page - Microchip Technology TC1262 Datasheet HTML 5Page - Microchip Technology TC1262 Datasheet HTML 6Page - Microchip Technology TC1262 Datasheet HTML 7Page - Microchip Technology TC1262 Datasheet HTML 8Page - Microchip Technology TC1262 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2002-2023 Microchip Technology Inc. and its subsidiaries
DS20001373D-page 5
TC1262
5.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Output Noise vs. Frequency
FREQUENCY (kHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
RLOAD = 50μΩ
COUT = 1μF
0.020
0.018
0.016
0.012
0.010
0.008
0.006
0.004
0.002
0.000
0.014
TEMPERATURE (
°C)
Line Regulation vs. Temperature
-40
°C0°C25°C70°C85°C 125°C
-40
°C0°C25°C70°C85°C 125°C
0.0100
0.0090
0.0080
0.0070
0.0060
0.0050
0.0040
0.0030
0.0020
0.0010
0.0100
TEMPERATURE (
°C)
Load Regulation vs. Temperature
1mA to 500mA
1mA to 500mA
5V
2.5V
TEMPERATURE (
°C)
150
135
120
105
90
75
60
45
30
15
0
IDD vs. Temperature
5V
-40
°C0°C25°C70°C85°C 125°C
0
100
300
400
500
ILOAD (mA)
0
100
200
300
400
500
ILOAD (mA)
2.5V Dropout Voltage vs. ILOAD
2.5V
0.50
0.40
0.30
0.20
0.10
0.00
0.50
0.40
0.30
0.20
0.10
0.00
LOAD
25
°C
-40
°C
-40
°C
0
°C
0
°C
70
°C
70
°C
85
°C
1
125
°C
85
°C
25
°C
125
°C
2.70
2.50
2.30
2.10
1.90
1.70
1.50
-40
°C
0
°C25°C70°C85°C 125°C
TEMPERATURE (
°C)
2.5V VOUT vs. Temperature
IL = 0.1mA
IL
A
= 300mA
IIIL
A
A
= 500mA
5.20
5.10
5.00
4.90
4.80
4.70
4.60
4.50
4.40
4.30
4.20
4.10
4.00
-40
°C
0
°C25°C70°C85°C 125°C
TEMPERATURE (
°C)
5.0V VOUT vs. Temperature
IL = 0.1mA
IIIL
IIIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com