Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEC2811 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # VEC2811
Description  MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2811 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  VEC2811 Datasheet HTML 1Page - Sanyo Semicon Device VEC2811 Datasheet HTML 2Page - Sanyo Semicon Device VEC2811 Datasheet HTML 3Page - Sanyo Semicon Device VEC2811 Datasheet HTML 4Page - Sanyo Semicon Device VEC2811 Datasheet HTML 5Page - Sanyo Semicon Device VEC2811 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VEC2811
No.8287-4/6
A S O
3
--10
2
3
5
7
2
3
5
7
2
3
5
7
2
--1.0
--0.1
--0.01
--1.0
23
5 7
--10
--0.01
--0.1
23
5 7
2
3
3
55
72
IT09302
100ms
DC
operation
1ms
10ms
≤10µs
Operation in this
area is limited by RDS(on).
ID= --3A
IDP= --12A
0
0
20
40
0.6
1.0
0.9
0.4
0.2
0.8
60
80
100
120
140
160
IT09303
[MOSFET]
[MOSFET]
[MOSFET]
[MOSFET]
[MOSFET]
[MOSFET]
[MOSFET]
yfs -- ID
SW Time -- ID
Ciss, Coss, Crss -- VDS
IS -- VSD
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
IT07771
IT07773
IT07772
--0.001
--0.01
--0.1
--10
--1.0
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0
--5
--10
--15
--20
--25
--30
100
1000
7
5
3
2
7
5
3
2
IT07774
VGS=0V
--0.5
--0.7
--1.1
--1.0
--0.9
--0.4
--0.3
--0.6
--0.8
f=1MHz
--0.1
1.0
--1.0
7
5
5
3
7
2
3
10
7
5
3
27
5
3
2
VDS= --10V
--0.1
--1.0
23
5
7
2
3
5
7
1.0
10
100
7
5
3
2
7
5
3
2
2
75°
C
Ta=
--25
°C
VDD= --15V
VGS= --10V
td(on)
td(off)
t r
tf
25°
C
Ciss
Crss
Coss
PD -- Ta
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(900mm
2!
0.8mm)
1unit
VGS -- Qg
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
04
8
14
10
12
26
0
--10
--6
--8
--9
--7
--4
--5
--2
--1
--3
IT07775
VDS= --10V
ID= --3A
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2!0.8mm) 1unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com