Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C4008 Datasheet(PDF) 14 Page - Alliance Semiconductor Corporation

Part # AS6C4008
Description  512K X 8 BIT LOW POWER CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4008 Datasheet(HTML) 14 Page - Alliance Semiconductor Corporation

Back Button AS6C4008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 15Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ORDERING INFORMATION
AS6C
4008
- 55
X
X
N
Temperature Range:
C = Commercial
(0ºC to +70º C)
I = Industrial
(-40º to +85º C)
N = Lead
Free ROHS
Compliant
Part
low
power
SRAM
prefix
Device
Number
40 = 4M
08 = by 8
Access
Time
Package Options:
P = 32 pin 600 mil P-DIP
S = 32 pin 450 mil SOP
T = 32 pin TSOP-I (8mm x 20 mm)
ST = 32 pin sTSOP (8mm x 13.4 mm)
Z =44 pin TSOP-II 400 mil*
B = 36 pin TFBGA (6mm x 8mm)*
* Coming Soon!
®
Part numbering system
Alliance
Organization VCC range
Package
Operating
Temp
Speed
ns
AS6C4008-55PCN 512k x 8
2.7-5.5V 32pin 600mil PDIP
Commercial ~
0º C to 70º C
55
AS6C4008-55SIN 512k x 8
2.7-5.5V 32pin 450mil SOP
Industrial ~
-40ºC to 85º C
55
AS6C4008-55TIN
512k x 8
2.7-5.5V 32pin TSOP-I (8 x 20 mm)
Industrial ~
-40ºC to 85º C
55
AS6C4008-55STIN 512k x 8
2.7-5.5V 32pin sTSOP (8 x 13.4 mm)
Industrial ~
-40ºC to 85º C
55
AS6C4008-55ZIN
512k x 8
2.7-5.5V 32pin TSOP-II 400mil
*
Industrial ~
-40ºC to 85º C
55
AS6C4008-55BIN 512k x 8
2.7-5.5V 36pin TFBGA (6mm x 8mm)*
Industrial ~
-40ºC to 85º C
55
*Coming Soon!
Ordering Codes
February 2007
AS6C4008
02/FEB/07, v 1.0
Alliance Memory Inc.
Page 14 of 15
512K X 8 BIT LOW POWER CMOS SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com