Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12030LAST Datasheet(PDF) 20 Page - Texas Instruments

Part # PTH12030LAST
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030LAST Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTH12030LAST Datasheet HTML 16Page - Texas Instruments PTH12030LAST Datasheet HTML 17Page - Texas Instruments PTH12030LAST Datasheet HTML 18Page - Texas Instruments PTH12030LAST Datasheet HTML 19Page - Texas Instruments PTH12030LAST Datasheet HTML 20Page - Texas Instruments PTH12030LAST Datasheet HTML 21Page - Texas Instruments PTH12030LAST Datasheet HTML 22Page - Texas Instruments PTH12030LAST Datasheet HTML 23Page - Texas Instruments PTH12030LAST Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.ti.com
C
O
+
C
I
V
I
GND
MarginDown
L
O
A
D
Q2
+V
O
Q1
+
MarginUp
0V
+V
O
R
D
R
U
PT H12010W
( T opView)
1
2
10 9
8
7
6
5
4
3
GND
R
0.1W,1%
SET
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
Table 6. Margin Up/Down Resistor Values
% ADJUST
RU / RD
5
0 k
Ω
4
24.9 k
Ω
3
66.5 k
Ω
2
150 k
Ω
1
397 k
Ω
Figure 20. Margin Up/Down Application Schematic
MARGIN UP/DOWN NOTES
1. The Margin Up and Margin Down controls were not intended to be activated simultaneously. If they are
their affects on the output voltage may not completely cancel, resulting in the possibility of a slightly
higher error in the output voltage set point.
2. The ground reference should be a direct connection to the module GND at pin 7 (pin 1 for the
PTHxx050). This will produce a more accurate adjustment at the load circuit terminals. The transistors Q1
and Q2 should be located close to the regulator.
3. The Margin Up and Margin Down control inputs are not compatible with devices that source voltage. This
includes TTL logic. These are analog inputs and should only be controlled with a true open-drain device
(preferably discrete MOSFET transistor). The device selected should have low off-state leakage current.
Each input sources 8 µA when grounded, and has an open-circuit voltage of 0.8 V.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com