Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12030WAST Datasheet(PDF) 7 Page - Texas Instruments

Part # PTH12030WAST
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030WAST Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH12030WAST Datasheet HTML 3Page - Texas Instruments PTH12030WAST Datasheet HTML 4Page - Texas Instruments PTH12030WAST Datasheet HTML 5Page - Texas Instruments PTH12030WAST Datasheet HTML 6Page - Texas Instruments PTH12030WAST Datasheet HTML 7Page - Texas Instruments PTH12030WAST Datasheet HTML 8Page - Texas Instruments PTH12030WAST Datasheet HTML 9Page - Texas Instruments PTH12030WAST Datasheet HTML 10Page - Texas Instruments PTH12030WAST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
PTH12030L TYPICAL CHARACTERISTICS (V
I = 12 V)
(1) (2)
50
60
70
80
90
100
IO − Output Current − A
0
5
10
15
20
25
VO = 0.8 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
VO = 1 V
0
2
4
6
8
IO − Output Current − A
0
5
10
15
20
25
VO = 1.5 V
VO = 1 V
VO = 0.8
V
VO = 1.8 V
0
10
20
30
40
50
IO − Output Current − A
0
5
10
15
20
25
VO = 1.8 V
VO = 1.5 V
VO = 1.2
V
VO = 1 V
VO = 0.8 V
20
30
40
50
60
70
80
90
IO − Output Current − A
0
5
10
15
20
25
400 LFM
Nat Conv
200 LFM
100 LFM
VO = ≤1.8 V
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
Figure 7.
TEMPERATURE DERATING
vs
OUTPUT CURRENT
Figure 8.
(1)
Characteristic data has been developed from actual products tested at 25
°C. This data is considered typical data for the converter.
Applies to Figure 5, Figure 6, and Figure 7.
(2)
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating
temperatures. Derating limits apply to modules soldered directly to a 4 in.
× 4 in. double-sided PCB with 1 oz. copper. For surface mount
products (AS and AZ suffix), multiple vias (plated through holes) are required to add thermal paths around the power pins. Please refer
to the mechanical specification for more information. Applies to Figure 8.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com