Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCT-433-AS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RCT-433-AS
Description  Low-Cost SAW-stabilized surface mountOOK RF transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RCT-433-AS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RCT-433-AS Datasheet HTML 1Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 2Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 3Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 4Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 5Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- i -
RCT-XXX-AS
Low-Cost SAW-stabilized surface mount
OOK RF transmitter
Embedding the wireless future..
Features
Typical Applications
Description
(shown actual size)
Ordering Information
•
Remote Keyless Entry (RKE)
•
Remote Lighting Controls
•
On-Site Paging
•
Asset Tracking
•
Wireless Alarm and Security Systems
•
Long Range RFID
•
Automated Resource Management
•
315/418/433.92 MHz versions
•
Low Cost
•
.5-12V operation
•
5mA current consumption at 3V
•
Small size: .30” x .4”
•
0dBm output power at 3V
•
4800 baud operation
The RCT-433-AS is ideal for remote control
applications where low cost and longer range are
required. The transmitter operates from a 1.5-12V
supply, making it ideal for battery-powered
applications. The transmitter employs a SAW-
stabilized oscillator, ensuring accurate frequency
control for best range performance. Output power
and harmonic emissions are easy to control,
making FCC and ETSI compliance easy. The
manufacturing-friendly SMT style package and low-
cost make the RCT-433-AS suitable for high
volume applications.
Frequency
Part Number
315 MHz
RCT-315-AS
418 MHz
RCT-418-AS
433.92 MHz
RCT-433-AS
Domestic and international orders:
Mouser Electronics 1-800-346-6873 (http://www.mouser.com)
Canadian orders:
Haltronics Ltd. 1-800-387-7969 (http://www.haltronicsltd.com/)
For a Radiotronix Representative in your area please visit www.radiotronix.com and visit our corporate
information page.


Similar Part No. - RCT-433-AS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RCT-0C MACOM-RCT-0C Datasheet
87Kb / 1P
SMD Circuit Probe Pad
RCT-0D MACOM-RCT-0D Datasheet
87Kb / 1P
SMD Circuit Probe Pad
logo
Magnelab.
RCT-1200-COIL MAGNELAB-RCT-1200-COIL Datasheet
111Kb / 1P
RopeCT® AC Current Sensor RCT-Series
RCT-120L-COIL MAGNELAB-RCT-120L-COIL Datasheet
123Kb / 1P
AC Current Sensor RopeCT® RCT-180L Series
RCT-1800-COIL MAGNELAB-RCT-1800-COIL Datasheet
111Kb / 1P
RopeCT® AC Current Sensor RCT-Series
More results

Similar Description - RCT-433-AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
logo
Texas Instruments
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
LOW COST TEMPERATURE TRANSMITTER
logo
Texas Instruments
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com