Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3233 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 12Page - Silicon Laboratories SI3233 Datasheet HTML 13Page - Silicon Laboratories SI3233 Datasheet HTML 14Page - Silicon Laboratories SI3233 Datasheet HTML 15Page - Silicon Laboratories SI3233 Datasheet HTML 16Page - Silicon Laboratories SI3233 Datasheet HTML 17Page - Silicon Laboratories SI3233 Datasheet HTML 18Page - Silicon Laboratories SI3233 Datasheet HTML 19Page - Silicon Laboratories SI3233 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
Si3233
16
Preliminary Rev. 0.5
Figure 7. Interface to Broadcom BCM11xx
R15
243
Ω, 1/10 W, ±1%
R21
15
Ω, 1/4 W, ±1%
R28,R29
1/10 W,
±1% (See AN45 or Table 16 for value selection)
R32*
10 k
Ω, 1/10 W, ±5%
*Note: Only one component per system needed.
Table 15. External Component Values—BCM11xx Interface
Component(s)
Value
Comments/Part Number
C1
0.1 µF, 6 V, Y5V, ±20%
Murata, Johnson, Novacap, Venkel
C5, C6
0.1 µF, 100 V, X7R, ±20%
Murata, Johnson, Novacap, Venkel
R1, R2
121
Ω, 1/10 W, ±1%
R5, R8, R9
20 k
Ω, 1/10 W, ±1%
R6, R7
10 k
Ω, 1/10 W, ±1%
R10, R11
39.2 k
Ω, 1/10 W, ±1%
U1
Dual Rail-to-Rail Op Amp
Texas Instruments LMV358, Micrel MIC7122
Table 14. Si3233/Si3233M External Component Values—Discrete Solution (Continued)
GNDA
LMV358
VCC
8
4
+
-
R5
20k
R6 10k
R7 10k
1
7
3
6
5
2
VCC
C1
0.1µF
Opamp decoupling
R1 121
R2 121
IGMN
IGMP
22
24
23
C5
0.1 µF
C6
0.1µF
To TIP
To RING
R8
20k
R9
20k
R10
39.2k
R11
39.2k
VOUTm
VOUTp
VINm
VINp
CMlevel
TX gain = 0.6622
RX gain = 1.2346
VDDA1
10
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com