Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC16 Datasheet(PDF) 2 Page - ZKTECO CO., LTD. All rights reserved.

Part # EC16
Description  Elevator Control Panel & Elevator Floor Expansion Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

EC16 Datasheet(HTML) 2 Page - ZKTECO CO., LTD. All rights reserved.

  EC16 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. EC16 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved. EC16 Datasheet HTML 3Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features ( :GLExclusiveFeature)
(
: GL Exclusive Feature)
Maximum 128 Floors of
Elevator Control (EC16 + DEX 16)
Multi-credential Authentications
(Fingerprint, RFID, Dynamic QR Code,
and Facial Recognition[KF1100/1200]
Multiple Communication Modes
:
TCP/IP, USB
EC16 & DEX16 are equipped with
16 dual relay outputs
Direct Access to Designated Floor
After Positive Verification
Supports Multi-time Schedule
Advanced Data Security Standard
(Communication encrypted with
AES256 and TLS1.2)
Model:
DEX16
Floor Button Control Relay
16 Dual Relay
Number of Ports
1 RS485 IN,
1 RS458 OUT
Communication
RS485(OSDP)
Additional Info
Communication to EC16 : RS485
Operating Temperature :-20°C to 55°C
Storage Temperature: -25°C to 65°C
Operating Humidity:10% to 90% RH
Dimension(L*W):165*132mm
Certifications
CE, FCC, ISO9001, ISO14001
Power Supply
DC 12V 1A
Model:
EC16
Capacity:
Fingerprint:
Card:
Transactions:
Communication
TCP/IP, USB Host, Wiegand, RS485*
Floor Button Control Relay
16 Dual Relay
Number of Ports
2 TCP/IP, 2 Wiegand (26/34/66 bits),
1 RS485 (OSDP), 1 RS485 (expansion board),
1 Open, 1 close, 1 AUX output,
1 AUX in, 1 voice output(coming soon),
1 LED Output(COMMRUN/PWR/GND),
1 FIRE,1 Emergency, 1 Power in,
1 USB 2.0 port
30,000
100,000
200,000
Additional Info
Dimension(L*W)
: 165*230mm
Operating Temperature: -20°C to 55°C
Storage Temperature: -25°C to 65°C
Operating Humidity: 10% to 90% RH
Data Protection: AES256, HTTPS, TLS1.2
Special Functions
Protocol: ZKTeco A & C Push
Supported QR Code Reader : QR500/600 Series
RS485 address Set by DIP switch
Max Supported Expansion Board: 7pcs (DEX16)
over RS485
Certifications
CE, FCC, ISO9001, ISO14001
Compatibility
ZKBio CVSecurity
Power Supply
DC 12V 3A
* Note: RS485 is for RS485 readers.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com