Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5912 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS5912
Description  AS5912 512-channel low noise current-to-digital converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5912 Datasheet(HTML) 4 Page - OSRAM GmbH

  AS5912 Datasheet HTML 1Page - OSRAM GmbH AS5912 Datasheet HTML 2Page - OSRAM GmbH AS5912 Datasheet HTML 3Page - OSRAM GmbH AS5912 Datasheet HTML 4Page - OSRAM GmbH AS5912 Datasheet HTML 5Page - OSRAM GmbH AS5912 Datasheet HTML 6Page - OSRAM GmbH AS5912 Datasheet HTML 7Page - OSRAM GmbH AS5912 Datasheet HTML 8Page - OSRAM GmbH AS5912 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AS5912
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001050
• v1-00 • 2024-Feb-16
4 / 9
/
1.1
Key specifications & features
The benefits and features of AS5912, 512-channel low noise current-to-digital converter are
listed below:
Table 1: Key benefits & features
Benefits
Features
512-channel in a 23 x 15 mm² FBGA package
No external components required. Integrated capacitors
for supply and reference decoupling
Ultra-low noise of 0.29 fC at 0.5 µA input current in
low noise mode
No charge loss. Continuous charge integration due to
zero dead time of ADC architecture
Lowest power dissipation of 1.25 mW per channel in
low power mode
Selectable full-scale range of 0.5 µA in low range and
1 µA in high range
Adjustable integration time down to 51 µs (20 kSPS)
at 20-bit resolution. Up to 26-bit at integration times
of 1 ms
Adjustable full-scale range, integration time and power
consumption via SPI interface as well as adjustable
output modes via LVDS
Zero biased photodiodes (true ground concept) for
ultra-low dark currents
Selectable power supply concept between dual ±1.5 V
analog supply (true ground concept) or single +3.0 V
analog supply
Integral linearity of ±0.080% of reading and
±0.2 ppm of full-scale range (all channels active)
On-chip LDOs, voltage references and temperature
sensor
Automatic zero offset calibration, input charge
calibration and linearity calibration
Built-in diagnostic modes for testing full detector signal
chain
1.2
Applications
Medical, industrial and security CT scanner data acquisition
Photodiode sensors
Multi-channel sensors with current output
DAS (Data Acquisition System) for current input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com