Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 32 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 28Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 29Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 30Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 31Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 32Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 33Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 34Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 35Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 31
Information
SPI read operations in broadcast mode are not supported. The sensor will always return 0
whenever a register is read with BLOCK_SEL set to 255.
SPI read operations can only be performed on single blocks.
Figure 26:
Block Selection Register
Register Name
Bit Name
Bank
Addr
Pos
Description
BLOCK_SEL
BLOCK_SEL
N/A
1
[7:0]
255: Broadcast (write access only)
0: Bottom sequencer A
1: Top sequencer A
2: Bottom data channel 1
3: Top data channel 1
4: Bottom data channel 2
5: Top data channel 2
6: Bottom data channel 3
7: Top data channel 3
8: Bottom data channel 4
9: Top data channel 4
10: Bottom data channel 5
11: Top data channel 5
12: Bottom data channel 6
13: Top data channel 6
14: Bottom data channel 7
15: Top data channel 7
16: Bottom data channel 8
17: Top data channel 8
18: Bottom OB channel
19: Top OB channel
20: Bottom sequencer B
21: Top sequencer B
Active Context Switching
Selected registers related to exposure and readout can be set to define two different modes
of operation or contexts. The register RW_CONTEXT selects which context is accessed by
the SPI interface for reading or writing.
Contexts can be switched quickly by a single access to the register ACTIVE_CONTEXT. The
sensor allows “on-the-fly” context switching, i.e. during any phase of the image acquisition,
and will produce consistent images in terms of exposure and readout settings combinations.
Both RW_CONTEXT and ACTIVE_CONTEXT registers are always accessible, regardless of
the currently selected bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com