Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIG32W1R0MNE Datasheet(PDF) 39 Page - OSRAM GmbH

Part # CIG32W1R0MNE
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CIG32W1R0MNE Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button CIG32W1R0MNE Datasheet HTML 35Page - OSRAM GmbH CIG32W1R0MNE Datasheet HTML 36Page - OSRAM GmbH CIG32W1R0MNE Datasheet HTML 37Page - OSRAM GmbH CIG32W1R0MNE Datasheet HTML 38Page - OSRAM GmbH CIG32W1R0MNE Datasheet HTML 39Page - OSRAM GmbH CIG32W1R0MNE Datasheet HTML 40Page - OSRAM GmbH CIG32W1R0MNE Datasheet HTML 41Page - OSRAM GmbH CIG32W1R0MNE Datasheet HTML 42Page - OSRAM GmbH CIG32W1R0MNE Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
AS1170
Register description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
39 / 53
/
8.6
Control register
Table 12: Control register
Addr: 6
Control register
Bit
Bit name
Default
Access
Bit description
1:0
mode_setting
00
R/W
Define the AS1170 operating mode.
Value
Description
00
Shutdown.
01
Indicator mode (or low current mode using
PWM) LED current is defined by the 6LSB
bits of led_current1 and led_current2 pwm
modulated with 31.25 kHz defined by register
inct_pwm (1/16...4/16).
10
Assist light mode
Led current is defined by the 7LSB(2) bits of
led_current1 and led_current2.
11
Flash mode(3)
Led current is defined by led_current1 and
led_current2 (out_on and mode_setting are
automatically cleared after a flash pulse).
2
reserved
X
R
Reserved -
don’t use, always write 0.
3
out_on
0
R/W
Enables the output current sinks (pin LED_OUT1/2).
Value
Description
0
Outputs disabled.
1
Outputs enabled (out_on and mode_setting
are automatically cleared after a flash pulse).
4
auto_strobe
1
R/W
Enables the auto trigger of flash mode with strobe pin.
Value
Description
0
Single flash / Strobe mode.
1
In strobe mode, there is no need after flash
timeout, the mode_setting and out_on bits
are not cleared. A new pulse on STROBE pin
will retrigger the flash again. There is no
need to rewrite the CONTROL register with
I²C command.
(1) This register identifies the operating mode and includes an all on/off bit.
(2) The MSB bit of this register not used to protect the LED; therefore, the maximum assist light current = half the maximum flash
current.
(3) Default trigger is done via external pin "STROBE".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com