Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1763 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1763
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 3Page - Analog Devices ADP1763 Datasheet HTML 4Page - Analog Devices ADP1763 Datasheet HTML 5Page - Analog Devices ADP1763 Datasheet HTML 6Page - Analog Devices ADP1763 Datasheet HTML 7Page - Analog Devices ADP1763 Datasheet HTML 8Page - Analog Devices ADP1763 Datasheet HTML 9Page - Analog Devices ADP1763 Datasheet HTML 10Page - Analog Devices ADP1763 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
7 of 62
(All typical specifications are at TJ(junction temperature). = 25°C and all min. and max. specifications are across
the entire operating temperature range, unless otherwise noted. COUT = 22µF, CSETCAP = 4.7µF, CBIASAF = 2.2µF,
and CBIASDF = 0.47µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Output Noise Spectral
Density 6
Vn(OUT)
VOUT = 1V, IOUT =
3A, VIN = 1.3V,
VBIAS = 3.3V,
CSETCAP = 4.7µF
Frequency =
0.1Hz
1.4
µV/√Hz
Frequency = 10Hz
40
nV/√Hz
Frequency =
10kHz
3.5
Frequency =
100kHz
3
Output Voltage
Readback
Resolution
12
Bits
VOUT_FS
Full Scale Voltage
6.25
V
Accuracy
VOUT = 4.2V
-1
1
%
Zero Code Offset
−
8
mV
tCONV_VOUT
Conversion Time
TJ = 25°C
4.096
msec
tREFRESH_VOUT Refresh Rate
TJ = 25°C
9.216
Output Current
Readback
Resolution
12
Bits
IOUT_FS
Full Scale Current
9.375
A
Accuracy
IOUT = 3A
−
3
3
%
Zero Code Offset
−
12
mA
tCONV_IOUT
Conversion Time
TJ = 25°C
4.096
msec
tREFRESH_IOUT Refresh Rate
TJ = 25°C
9.216
Input Voltage Readback
Resolution
10
Bits
VIN_FS
Full Scale Voltage
6.25
V
Accuracy
VIN = 5.5V
−
1
1
%
Zero Code Offset
−
8
mV
tCONV_VIN
Conversion Time
TJ = 25°C
1.024
msec
tREFRESH_VIN
Refresh Rate
TJ = 25°C
27.648
Bias Voltage Readback
Resolution
10
Bits
VBIAS_FS
Full Scale Voltage
6.25
V
Accuracy
VBIAS = 5.5V
−
1
1
%
Zero Code Offset
-8
mV
tCONV_VBIAS
Conversion Time
TJ = 25°C
1.024
msec
tREFRESH_VBIAS Refresh Rate
TJ = 25°C
27.648
Temperature Readback
Resolution
10
Bits
Full Scale Temperature
312.5
°C
Accuracy
TJ = 25
°C
−
5
5
Zero Code Offset
−
0.4
tCONV_TEMP
Conversion Time
TJ = 25°C
1.024
msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com