Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1765 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1765
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1765 Datasheet HTML 7Page - Analog Devices ADP1765 Datasheet HTML 8Page - Analog Devices ADP1765 Datasheet HTML 9Page - Analog Devices ADP1765 Datasheet HTML 10Page - Analog Devices ADP1765 Datasheet HTML 11Page - Analog Devices ADP1765 Datasheet HTML 12Page - Analog Devices ADP1765 Datasheet HTML 13Page - Analog Devices ADP1765 Datasheet HTML 14Page - Analog Devices ADP1765 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
11 of 62
Thermal Resistance
Thermal performance is directly linked to PCB design and operating environment. Close attention to PCB thermal
design is required.
Table 3. Thermal Resistance
PACKAGE TYPE 1
θJA
θJCTOP
θJCBOT
UNIT
22-LEAD 3mm × 4mm LQFN
33
47
3.5
°C/W
1
θ values are determined per JESD51. θJA value is obtained with demo board.
Electrostatic Discharge (ESD)
The following ESD information is provided for handling of ESD-sensitive devices in an ESD protected area only
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001 Charged device model (CDM) per ANSI/ESDA/JEDEC JS-
002.
ESD Ratings
Table 4. LT3074, 22-Lead 3mm X 4mm LQFN
ESD Model
Withstand Threshold (V)
Class
HBM
3500
2
CDM
1250
C5
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high-energy ESD.
Therefore, proper ESD precautions should be taken to avoid performance degradation or
loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com