Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8608 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8608
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8608 Datasheet HTML 12Page - Analog Devices LT8608 Datasheet HTML 13Page - Analog Devices LT8608 Datasheet HTML 14Page - Analog Devices LT8608 Datasheet HTML 15Page - Analog Devices LT8608 Datasheet HTML 16Page - Analog Devices LT8608 Datasheet HTML 17Page - Analog Devices LT8608 Datasheet HTML 18Page - Analog Devices LT8608 Datasheet HTML 19Page - Analog Devices LT8608 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
16 of 31
THEORY OF OPERATION
The LT8615 is a monolithic constant frequency current-mode step-down DC/DC converter. An oscillator with
frequency set using a resistor on the RT pin turns on the internal top power switch at the beginning of each clock
cycle. Current in the inductor then increases until the top switch current comparator trips and turns off the top power
switch. The peak inductor current at which the top switch turns off is controlled by the voltage on the internal VC
node. The error amplifier servos the VC node by comparing the FB pin voltage with an internal 0.787V reference.
When the load current increases, it causes a reduction in the feedback voltage relative to the reference leading the
error amplifier to raise the VC voltage until the average inductor current matches the new load current. When the top
power switch turns off, the synchronous power switch turns on until the next clock cycle begins or the inductor
current falls to zero. If overload conditions result in excess current flowing through the bottom switch, the next clock
cycle is delayed until switch current returns to a safe level.
If the EN/UV pin is low, the LT8615 is shut down and draws 1µA from the input. When the EN/UV pin is above 1V, the
switching regulator becomes active.
To optimize efficiency at light loads, the LT8615 enters Burst Mode operation during light load situations. Between
bursts, all circuitry associated with controlling the output switch is shut down, reducing the input supply current to
1.7μA. In a typical application, 2.5μA is consumed from the input supply when regulating with no load. The SYNC pin
is tied low to use Burst Mode operation and can be floated to use pulse-skipping mode. If a clock is applied to the
SYNC pin, the part synchronizes to an external clock frequency and operates in pulse-skipping mode. While in pulse-
skipping mode, the oscillator operates continuously, and positive SW transitions are aligned to the clock. During light
loads, switch pulses are skipped to regulate the output, and the quiescent current is several mA. The SYNC pin may
be tied high for spread-spectrum modulation mode, and the LT8615 operates like pulse-skipping mode but varies
the clock frequency to reduce EMI.
Comparators on the LT8615 monitoring the FB pin voltage pull the PG pin low if the output voltage varies more than
±8% (typical) from the set point, or if a fault condition is present.
The oscillator reduces the LT8615’s operating frequency when the voltage at the FB pin is low, and the SYNC is setting
the part to Burst Mode. This frequency foldback helps to control the inductor current when the output voltage is
lower than the programmed value, which occurs during start-up. When a clock is applied to the SYNC pin, the SYNC
pin is floated, or held DC high, the LT8615 stays at the programmed frequency without foldback, and only slows
switching if the inductor current exceeds safe levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com