Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 37 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 37 Page - Analog Devices

Back Button LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
37 of 62
SETCAP Pin Capacitance: Noise, PSRR, Transient Response, and Soft-Start
In addition to reducing output noise, using a SETCAP pin capacitor also improves PSRR and transient performance.
Note that any bypass-capacitor leakage deteriorates the DC regulation of the LT3074. Leakages on the SETCAP pin
capacitor shunt current away from the 100µA precision reference current and also create an offset across the filter
resistor. Capacitor leakage of even 100nA is more than 0.1% DC error. Therefore, Analog Devices recommends the
use of good quality, low-leakage ceramic capacitors.
Using the SETCAP pin capacitor also soft-starts the output and limits inrush current.
Fast Start
For ultralow noise applications that require low 1/f noise, a SETCAP pin capacitor with a very low frequency pole may
be necessary. This significantly increases the start-up time in accordance with the RC time constant associated with
the SETRES pin resistor, filter resistor, and SETCAP pin capacitor. The LT3074 incorporates fast start-up circuitry that
sources the SETCAP pin with a typical current of 2mA during start-up to rapidly charge the filter capacitor, decreasing
start-up time.
The 2mA current source turns on if the SETRES to SETCAP differential is greater than approximately 25mV and
remains engaged until the SETCAP pin voltage catches up to the SETRES pin voltage; at which point the current turns
off. If the regulator is in current limit, thermal shutdown or BIAS UVLO is detected, and the fast start function is
disabled.
When fast start is enabled during start-up, if the SETCAP pin slew rate approaches the SETRES pin slew rate, the
SETCAP pin voltage may catch up to the SETRES pin voltage while the SETRES pin voltage is still ramping. This shuts
off the fast start circuit until the SETRES pin voltage can rise above the SETCAP pin voltage by 25mV. This is intended
operation. This turn-on and turn-off cause stair stepping at the SETCAP pin voltage (and possibly in turn at the OUT
voltage). Increasing the SETCAP pin capacitor smoothes the SETCAP pin start-up.
Output Voltage Margining
The LT3074 provides the capability to margin the output voltage in discrete steps from 1% to 30% using the PMBus.
The margining is achieved by scaling the precision 100µA current reference supplied at the SETRES pin. Depending
on the nominal output voltage and the amount of margining being used, the high side margin may enable the fast
start functionality (if the SETRES to SETCAP voltage differential exceeds approximately 25mV); as a result, the output
voltage rapidly settles to the margined value. For high-side margin, where the SETRES to SETCAP differential does
not exceed the 25mV threshold and all low side margining, the output takes a RC delay (set by the SETRES pin resistor,
approximately 1kΩ filter resistor from SETRES to SETCAP and the SETCAP pin capacitor) to settle to the margined
value.
See the OPERATION and MFR_MARGIN commands in the PMBus Command Details section for additional information
on output voltage margining.
BIAS/BIASAF/BIASDF Pin Requirements
The BIASAF and BIASDF pins are internally tied to the BIAS pin through separate filter resistors. BIASAF supplies
current to all the analog functional blocks and the BIASDF supplies current to the digital circuitry. This minimizes the
high frequency, digital switching noise coupling to the high performance, low noise analog circuitry. The LT3074
requires a minimum 2.2µF bypass capacitor on the BIASAF pin and 0.47µF bypass capacitor on the BIASDF pin for
stability and proper operation. No bypass capacitor is needed on the BIAS pin. To ensure proper operation, the BIAS
voltage must satisfy the following conditions: 2.375V ≤ VBIAS ≤ 5.5V and VBIAS ≥ VOUT + 1.2V. Do not externally load the
BIASAF and/or the BIASDF pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com