Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCTW90N65 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SCTW90N65
Description  SiC N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SCTW90N65 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SCTW90N65 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SCTW90N65 Datasheet HTML 2Page - Inchange Semiconductor Company Limited SCTW90N65 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCF8079
eq SCTW90N65
SiC N-Channel MOSFET
www.iscsemi.com
1
FEATURES
·
Drain Source Voltage -VDSS= 650V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 24mΩ(Max)@VGS= 10V
·
Very fast and robust intrinsic body diode
·
Extremely low gate charge and input capacitances
APPLICATIONS
·
Power supply for renewable energy systems
·
High frequency DC-DC converters
·
Switching applications
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
650
V
VGSS
Gate-Source Opetation Voltage
-10/+22
V
ID
Drain Current-Continuous@Tc=25℃
119
A
ID
Drain Current-Continuous@Tc=100℃
90
A
IDM
Drain Current-Single Pluse
220
A
PD
Total Dissipation @TC=25℃
565
W
TJ
Max. Operating Junction Temperature
200
℃
Tstg
Storage Temperature
-55~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.31
℃
/W


Similar Part No. - SCTW90N65

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTW100N120G2AG STMICROELECTRONICS-SCTW100N120G2AG Datasheet
217Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 75 A,30 mΩ (typ., TJ=25 °C), in an HiP247 package
23-Jul-2020
logo
Inchange Semiconductor ...
SCTW100N120G2AG ISC-SCTW100N120G2AG Datasheet
337Kb / 2P
SiC N-Channel MOSFET Transistor
logo
STMicroelectronics
SCTW100N65G2AG STMICROELECTRONICS-SCTW100N65G2AG Datasheet
423Kb / 11P
Automotive-grade silicon carbide Power MOSFET 650 V, 100 A,20 mΩ (typ., TJ=25 °C), in an HiP247™ package
21-Nov-2018
SCTW35N65G2V STMICROELECTRONICS-SCTW35N65G2V Datasheet
205Kb / 12P
Silicon carbide Power MOSFET 650 V, 55 mΩ typ., 45 A in an HiP247 package
25-Jan-2021
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
More results

Similar Description - SCTW90N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com