Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4181BS Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4181BS
Description  OSLON® P1616 Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4181BS Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4181BS Datasheet HTML 1Page - OSRAM GmbH SFH4181BS Datasheet HTML 2Page - OSRAM GmbH SFH4181BS Datasheet HTML 3Page - OSRAM GmbH SFH4181BS Datasheet HTML 4Page - OSRAM GmbH SFH4181BS Datasheet HTML 5Page - OSRAM GmbH SFH4181BS Datasheet HTML 6Page - OSRAM GmbH SFH4181BS Datasheet HTML 7Page - OSRAM GmbH SFH4181BS Datasheet HTML 8Page - OSRAM GmbH SFH4181BS Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SFH 4181BS
DATASHEET
DATASHEET
5 | Version 1.0 | 2024-08-13
Characteristics
I
F = 1000 mA; tp = 10 ms; TA = 25 °C
Parameter
Symbol
Values
Centroid wavelength 4)
λ
centroid
min.
max.
912 nm
950 nm
Spectral bandwidth at 50% I
rel,max (FWHM)
∆λ
typ.
37 nm
Half angle
φ
typ.
35 °
Dimensions of chip area
L x W
typ.
0.73 x 0.73
mm x mm
Rise time (10% / 90%)
I
F = 1 A; RL = 5 Ω
t
r
typ.
12 ns
Fall time (10% / 90%)
I
F = 1 A; RL = 5 Ω
t
f
typ.
11.5 ns
Forward voltage 5)
V
F
typ.
max.
2.8 V
3.2 V
Forward voltage 5)
I
F = 2 A; tp = 100 µs
V
F
typ.
max.
3.0 V
3.7 V
Reverse current 3)
V
R = 5 V
I
R
typ.
max.
0.01 µA
10 µA
Total radiant flux 6)
I
F = 1 A; tp = 100 µs
Φ
e
typ.
1550 mW
Thermal resistance junction solder point electrical 7)
with efficiency η
e = 55 %
R
thJS elec.
typ.
max.
5.9 K / W
7.1 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com