Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6520 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6520
Description  LCD Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6520 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6520 Datasheet HTML 1Page - Princeton Technology Corp PT6520 Datasheet HTML 2Page - Princeton Technology Corp PT6520 Datasheet HTML 3Page - Princeton Technology Corp PT6520 Datasheet HTML 4Page - Princeton Technology Corp PT6520 Datasheet HTML 5Page - Princeton Technology Corp PT6520 Datasheet HTML 6Page - Princeton Technology Corp PT6520 Datasheet HTML 7Page - Princeton Technology Corp PT6520 Datasheet HTML 8Page - Princeton Technology Corp PT6520 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6520 V1.6
- 1 -
February, 2006
LCD Driver IC
PT6520
DESCRIPTION
PT6520 is a dot matrix LCD driver IC. The bit addressable display data which is sent from a
microcomputer is stored in a build-in display data RAM and generates the LCD signal.
The PT6520 incorporates innovative circuit design strategies to assure very low current dissipation and
a wide range of operating voltages. The PT6520 permits the user to implement high-performance
handy systems operating from a miniature battery.
FEATURES
• CMOS Technology
• 8-bit data interface
• 61 Segment output
• 16 Common output
• Duty cycle – PT6520 – 1/16 ~ 1/32
• 2560 bits built-in display data RAM
• Master/Slave operation
• Low power: 30µW
• LCD voltage: 3.5 ~ 13V
• Power supply: 2.4 ~ 7V
• Available in 100 pins, QFP
APPLICATIONS
• Peripheral Devices
• LCD Modules
• Electronic Instruments


Similar Part No. - PT6520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6520 TI-PT6520 Datasheet
222Kb / 12P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
logo
Princeton Technology Co...
PT6520 PTC-PT6520 Datasheet
552Kb / 21P
LCD Driver IC
PT6520-H PTC-PT6520-H Datasheet
552Kb / 21P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
More results

Similar Description - PT6520

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
LCD Driver IC?
PT6630 PTC-PT6630 Datasheet
79Kb / 4P
LCD Driver IC?
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
LCD Driver IC
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com