Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBGA Datasheet(PDF) 1 Page - Amkor Technology

Part # CBGA
Description  From innovative designs and expanding package offerings, Amkor provides a platform from prototype-to-production.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CBGA Datasheet(HTML) 1 Page - Amkor Technology

  CBGA Datasheet HTML 1Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
data sheet
CBGA
Features:
CERAMIC
/ HERMETIC
www.amkor.com
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
Ceramic Ball Grid Array
Package (CBGA)
Amkor's CBGAs incorporate the most advanced
assembly processes and designs for today and
tomorrow's cost/performance applications. This
advanced IC package technology allows
application and design engineers to optimize
innovations while maximizing the performance
characteristics of semiconductors (Si & GaAs).
Amkor's CBGAs are designed for low inductance,
improved thermal operation and enhanced
SMT-ability. Custom performance enhancements,
such as ground and power planes, are available
for significant improvements in electrical response
demanded by advancing electronics. Additionally,
these CBGAs utilize industry proven, semiconductor
grade materials for reliable, long-term operation
while providing the user flexible design parame-
ters. The CBGA is a ceramic substrate package. It
consist of a ceramic substrate which is covered
with a B-Staged epoxy lid or by encapsulating it.
Applications:
Semiconductor technologies find enhanced
performance by using the integrated design
features of Amkor's CBGAs. Microprocessors/con-
trollers, ASICs, Gate Arrays, memory, DSPs and PC
chip sets find Amkor's CBGA family to be an ideal
package. Applications requiring improved
portability, form-factor/size and high-performance
such as cellular, wireless, PCMCIA cards, laptop
PC's, video cameras, disc drives, power amplifiers
and other similar products benefit from Amkor's
CBGA attributes.
The CBGA offers a variety of features. From
innovative designs and expanding package
offerings, Amkor provides a platform from
prototype-to-production.
Flexible ball counts
10mm to 35mm body sizes
1.0, 1.27, 1.5mm ball pitch available
Eutectic (63/37) solder balls
Perimeter, stagger and full ball arrays
Special packaging for memory available
≤ 6 mil coplanarity
Multi-layer, ground/power
Cavity lid seal or encapsulation
Full in-house design capability
JEDEC MO-151 standard outlines
High thermal conductive ceramic
DS800
Rev Date: 08’02
.


Similar Part No. - CBGA

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CBG-10B-375 MERRIMAC-CBG-10B-375 Datasheet
67Kb / 1P
3-PORT DIRECTIONAL COUPLERS
CBG-11A-500 MERRIMAC-CBG-11A-500 Datasheet
84Kb / 1P
WIDEBAND DIRECTIONAL COUPLER
CBG-11B-1250 MERRIMAC-CBG-11B-1250 Datasheet
67Kb / 1P
3-PORT DIRECTIONAL COUPLERS
CBG-20A-500 MERRIMAC-CBG-20A-500 Datasheet
84Kb / 1P
WIDEBAND DIRECTIONAL COUPLER
CBG-20B-1250 MERRIMAC-CBG-20B-1250 Datasheet
67Kb / 1P
3-PORT DIRECTIONAL COUPLERS
More results

Similar Description - CBGA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMKC03 ETC1-PMKC03 Datasheet
124Kb / 3P
3 Watts of Output Power From a Package
logo
Amkor Technology
MCMPBGA AMKOR-MCMPBGA Datasheet
129Kb / 2P
Innovative designs and expanding package offerings provide a platform from prototype-to-production
MQFP AMKOR-MQFP Datasheet
389Kb / 2P
Amkor?셲 MQFP IC package portfolio provides
PBGA AMKOR-PBGA Datasheet
299Kb / 2P
Innovative designs and expanding package offerings provide a platform from prototype-to-production
PLCC AMKOR-PLCC Datasheet
387Kb / 2P
Amkor?셲 PLCC IC package portfolio provides
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
3.3V from a single AA battery or from
logo
TE Connectivity Ltd
C-293234 TEC-C-293234 Datasheet
441Kb / 3P
RELEASED FOR PRODUCTION FROM -1 TO -9
logo
Maxim Integrated Produc...
MAX1649EVKIT MAXIM-MAX1649EVKIT Datasheet
87Kb / 4P
provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
logo
BusBoard Prototype Syst...
SB300 BUSBOARD-SB300 Datasheet
980Kb / 1P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
SB400 BUSBOARD-SB400 Datasheet
1Mb / 1P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com