Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PROBG3000 Datasheet(PDF) 7 Page - ZKTECO CO., LTD. All rights reserved.

Part # PROBG3000
Description  High Performance Barrier Gate with High-Speed
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

PROBG3000 Datasheet(HTML) 7 Page - ZKTECO CO., LTD. All rights reserved.

  PROBG3000 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 3Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 4Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 5Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 6Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 7Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Copyright©2024 ZKTECO CO., LTD. All rights reserved.
ZKTECO CO.,LTD.
www.zkteco.com E-mail: sales@zkteco.com
V3. 0 2024. 07. 24
LPR Products
ZKParking & ZKBioSecurity
UHF Products
Bluetooth Products
System Products
ProBG3200 Series
2s/3s opening and closing speed,
supports 3m and 4m boom length.
1m
0.8m
Dimensions (mm)
362.5
330



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com