Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1017 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EP1017
Description  THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP1017 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EP1017 Datasheet HTML 1Page - List of Unclassifed Manufacturers EP1017 Datasheet HTML 2Page - List of Unclassifed Manufacturers EP1017 Datasheet HTML 3Page - List of Unclassifed Manufacturers EP1017 Datasheet HTML 4Page - List of Unclassifed Manufacturers EP1017 Datasheet HTML 5Page - List of Unclassifed Manufacturers EP1017 Datasheet HTML 6Page - List of Unclassifed Manufacturers EP1017 Datasheet HTML 7Page - List of Unclassifed Manufacturers EP1017 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
eorex
Preliminary
EP1017
Jun. 2007
www.eorex.com
Maximun Ratings
Rating
Symbol
Value
Unit
Input-Output
Voltage Differential
VI-VO
40
Vdc
Power dissipation
PD
Internally
Limited
Operating
T
-40 to +125
℃
Electrical Characteristics (VI-VO=5.0V;IO=0.5A;TJ=25℃)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Regline
Line Regulation
1
3.0V≦(V1-V0) ≦40V
0.04
%/V
Regload
Line Regulation
1
10mA≦1out ≦1.5A,
V0≦5.0V,C≧5.0V
25
0.5
mV
%V
TR
Thermal Regulation
20ms Pulse
0.07
%W
IAdi
Adjustment Pin Current
100
µA
Vref
Reference Voltage
2P
D≦20W
3.0V≦V1-V0≦40V
10mA≦Io≦1.5A
1.3
V
ILIMIT
Minimum Load Current to
Maintain Regulation
V1-V0=40V
10
mA
IMax
Maximum Output Current
PD≦20W, V1-V0≦15V
V1-V0=40V
1.5
0.15
2.2
0.4
A
θ
th
Thermal Resistance
junction to ambient
5.0
°C/W
NOTES:
1.Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating
effects must be taken into account separately. Pulse testing with low duty cycle is used.
2.Selected devices with tightened tolerance reference voltage available.
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com