Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS40A100HS Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADS40A100HS
Description  SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADS40A100HS Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADS40A100HS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS40A100HS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS40A100HS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS40A100HS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS40A100HS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS40A100HS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
                                    ADS40A100H/120H
 
5 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
Part number
Package
Marking
Packing
Quantity
ADS40A100H#
TO-3P
ADS40A100H#
Tube
30pcs
ADS40A120H#
TO-3P
ADS40A120H#
Tube
30pcs
Note:# = Gate Trigger Current Sensitivity and type
PACKAGE MECHANICAL DATA
TO-3P Package Dimension
Making Diagram
Ordering information
H
E
Φ
K
L
B
A
D
J
Symbol
Dimensions ln
Millimeters
Dimensions ln
lnches
Min
Max
Min
Max
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60
0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
1.2
1.4
0.047
0.055
Ø
4.08
4.20
0.161
0.165
L
1.35
1.50
0.053
0.059
P
2.8
3.0
0.110
0.118
R
4.60 typ.
0.181 typ.
ADV
ADS40A120H
XXXX
XXXH
XX
ADV:Logo
ADS40A120H:Part number
ADV:Logo
X:Internal control code
H:Halogen Free
Package explain:H=TO-3P
ADVANCED
Internal control code
Current:40=40A
SCR Series
Sensitivity and type:
T=0.2mA
S=15mA
Blank=30mA
W=80mA
Voltage:100=1000V 120=1200V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com