Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTL2003BQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # GTL2003BQ
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003BQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button GTL2003BQ Datasheet HTML 5Page - NXP Semiconductors GTL2003BQ Datasheet HTML 6Page - NXP Semiconductors GTL2003BQ Datasheet HTML 7Page - NXP Semiconductors GTL2003BQ Datasheet HTML 8Page - NXP Semiconductors GTL2003BQ Datasheet HTML 9Page - NXP Semiconductors GTL2003BQ Datasheet HTML 10Page - NXP Semiconductors GTL2003BQ Datasheet HTML 11Page - NXP Semiconductors GTL2003BQ Datasheet HTML 12Page - NXP Semiconductors GTL2003BQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
GTL2003_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 July 2007
9 of 19
NXP Semiconductors
GTL2003
8-bit bidirectional low voltage translator
11. Static characteristics
[1]
All typical values are measured at Tamb =25 °C.
[2]
Measured by the voltage drop between the Sn and the Dn terminals at the indicated current through the switch. ON-state resistance is
determined by the lowest voltage of the two (Sn or Dn) terminals.
Table 9.
Static characteristics
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VOL
LOW-level output voltage
VDD = 3.0 V; VSREF = 1.365 V;
VSn or VDn = 0.175 V; IIK = 15.2 mA
-
260
350
mV
VIK
input clamping voltage
II = −18 mA; VGREF =0V
-
-
−1.2
V
ILI(G)
gate input leakage current
VI =5V; VGREF = 0 V
--5
µA
Cig
input capacitance at gate
GREF; VI = 3 V or 0 V
-
56
-
pF
Cio(off)
off-state input/output
capacitance
VO = 3 V or 0 V; VGREF = 0 V
-
7.4
-
pF
Cio(on)
on-state input/output
capacitance
VO = 3 V or 0 V; VGREF = 3 V
-
18.6
-
pF
Ron
ON-state resistance
VI =0V; IO =64mA
[2]
VGREF = 4.5 V
-
3.5
5
Ω
VGREF = 3 V
-
4.4
7
Ω
VGREF = 2.3 V
-
5.5
9
Ω
VGREF = 1.5 V
-
67
105
Ω
VI =0V; IO = 30 mA; VGREF = 1.5 V
[2] -9
15
Ω
VI = 2.4 V; IO = 15 mA; VGREF = 4.5 V
[2] -7
10
Ω
VI = 2.4 V; IO = 15 mA; VGREF =3V
[2] -58
80
Ω
VI = 1.7 V; IO = 15 mA; VGREF = 2.3 V
[2] -50
70
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com