Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4936G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LL4936G
Description  1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4936G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LL4936G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4936G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
LL4933G - LL4937G
1.0AMP Surface Mount
Glass Passivated Silicon Rectifiers
MELF
Features
Plastic package has carries underwriters
laboratory flammability classification 94V-0.
Surge overload rating to 30 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive
product
High temperature soldering guaranteed:
260oC / 10 seconds at terminals.
Mechanical Data
Solderability per MIL-STD-750, method 208 at
terminals.
Mounting position: Any
Weight: 0.12 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
LL
4933G
LL
4934G
LL
4935G
LL
4936G
LL
4937G
Units
M
aximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified Current
@TA = 75
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@1.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5
100
uA
uA
Maximum Reverse Recovery Time(Note 3)
Trr
150
nS
Typical Junction Capacitance ( Note 1 )
Cj
15
pF
Typical Thermal Resistance (Note 2)
RθJC
60
oC/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Thermal Resistance from Junction to case. Mount on 0.2” x 0.2” Cu-pad on P.C.B.
3. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A


Similar Part No. - LL4936G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4936G TSC-LL4936G Datasheet
67Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
RFE international
LL4936G RFE-LL4936G Datasheet
123Kb / 1P
SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
logo
Shenzhen Luguang Electr...
LL4936G LUGUANG-LL4936G Datasheet
218Kb / 2P
1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
logo
RFE international
LL4936G RFE-LL4936G Datasheet
149Kb / 1P
SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
More results

Similar Description - LL4936G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA400XSA CYSTEKEC-CSMA400XSA Datasheet
125Kb / 3P
1.0Amp. Surface Mount Glass Passivated Type Rectifiers
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G_1 Datasheet
239Kb / 2P
1.0AMP Surface Mount Glass Plassivated Silicon Rectifiers
logo
PACELEADER INDUSTRIAL
SM4001 PACELEADER-SM4001 Datasheet
798Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Cystech Electonics Corp...
1N400XLB CYSTEKEC-1N400XLB Datasheet
138Kb / 3P
1.0Amp. Glass Passivated Silicon Rectifiers
CSOD400XSF CYSTEKEC-CSOD400XSF Datasheet
136Kb / 3P
1.0Amp. Surface Mount Glass Passivated Type Rectifiers
logo
Shenzhen Luguang Electr...
LL4001G LUGUANG-LL4001G Datasheet
208Kb / 2P
1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
LL4933G LUGUANG-LL4933G Datasheet
218Kb / 2P
1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
1.0AMP . GLASS PASSIVATED RECTIFIERS
S1AF CHONGQING-S1AF_16 Datasheet
177Kb / 1P
1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com