Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16IS740IPW Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC16IS740IPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16IS740IPW Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC16IS740IPW Datasheet HTML 35Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 36Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 37Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 38Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 39Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 40Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 41Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 42Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
SC16IS740_750_760_5
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 16 November 2006
39 of 62
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
An address on the network is seven bits long, appearing as the most significant bits of the
address byte. The last bit is a direction (R/W) bit. A ‘0’ indicates that the master is
transmitting (write) and a ‘1’ indicates that the master requests data (read). A complete
data transfer, comprised of an address byte indicating a ‘write’ and two data bytes is
shown in Figure 20.
When an address is sent, each device in the system compares the first seven bits after the
START with its own address. If there is a match, the device will consider itself addressed
by the master, and will send an acknowledge. The device could also determine if in this
transaction it is assigned the role of a slave receiver or slave transmitter, depending on the
R/W bit.
Each node of the I2C-bus network has a unique seven-bit address. The address of a
microcontroller is of course fully programmable, while peripheral devices usually have
fixed and programmable address portions.
When the master is communicating with one device only, data transfers follow the format
of Figure 20, where the R/W bit could indicate either direction. After completing the
transfer and issuing a STOP condition, if a master would like to address some other
device on the network, it could start another transaction by issuing a new START.
Another way for a master to communicate with several different devices would be by using
a ‘repeated START’. After the last byte of the transaction was transferred, including its
acknowledge (or negative acknowledge), the master issues another START, followed by
address byte and data—without effecting a STOP. The master may communicate with a
number of different devices, combining ‘reads’ and ‘writes’. After the last transfer takes
place, the master issues a STOP and releases the bus. Possible data formats are
demonstrated in Figure 21. Note that the repeated START allows for both change of a
slave and a change of direction, without releasing the bus. We shall see later on that the
change of direction feature can come in handy even when dealing with a single device.
In a single master system, the repeated START mechanism may be more efficient than
terminating each transfer with a STOP and starting again. In a multimaster environment,
the determination of which format is more efficient could be more complicated, as when a
master is using repeated STARTs it occupies the bus for a long time and thus preventing
other devices from initiating transfers.
Fig 20. A complete data transfer
S
P
SDA
SCL
0 to 6
78
ACK
002aab046
START
condition
STOP
condition
address
R/W
0 to 6
78
data
ACK
0 to 6
78
data
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com