Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20H100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF20H100CT
Description  Isolated 20.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF20H100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF20H100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF20H100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
MBRF20H100CT – MBRF20H200CT
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
ITO-220AB
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: ITO-220AB molded plastic
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBRF
20H100CT
MBRF
20H150CT
MBRF
20H200CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
100
150
200
V
Maximum RMS Voltage
VRMS
70
105
140
V
Maximum DC Blocking Voltage
VDC
100
150
200
V
Maximum Average Forward Rectified
Current at TC=133
oC
I(AV)
20
A
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=133
oC
IFRM
20
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Peak Repetitive Reverse Surge Current
(Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at
(Note 2)
IF= 10A, Tc=25
oC
IF= 10A, Tc=125
oC
IF=20A, Tc=25
oC
IF=20A, Tc=125
oC
VF
0.85
0.75
0.95
0.85
0.88
0.75
0.97
0.85
V
Maximum Instantaneous Reverse Current
at Rated DC Blocking Voltage @Tc=25
oC
@ Tc=125
oC
IR
5.0
2.0
uA
mA
Voltage Rate of Change, (Rated VR)
dV/dt
10,000
V/uS
RMS Isolation Voltage (t=1.0 second, R.H.
≦
30%, TA=25
oC)
(Note 4)
(Note 5)
(Note 6)
VISO
4500
3500
1500
V
Typical Thermal Resistance Per Leg (Note3)
RθJC
3.5
oC/W
Operating Junction Temperature Range
TJ
-65 to +175
oC
Storage Temperature Range
TSTG
-65 to +175
oC
Notes:
1. 2.0 us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg.
4. Clip Mounting (on case), where lead does not overlap heatsink with 0.110” offset.
5. Clip mounting (on case), where leads do overlap heatsink.
6. Screw mounting with 4-40 screw, where washer diameter is
4.9 mm (0.19”)
≦
Version: A07


Similar Part No. - MBRF20H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF20H100CT VISHAY-MBRF20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBRF20H100CT VISHAY-MBRF20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
logo
ON Semiconductor
MBRF20H100CT ONSEMI-MBRF20H100CT Datasheet
130Kb / 7P
SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
logo
Vishay Siliconix
MBRF20H100CT VISHAY-MBRF20H100CT Datasheet
507Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
08-Nov-07
logo
Taiwan Semiconductor Co...
MBRF20H100CT TSC-MBRF20H100CT Datasheet
1Mb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF20H100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035CT TSC-MBRF2035CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
SRF2020 TSC-SRF2020_1 Datasheet
203Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_09 Datasheet
1Mb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035_11 Datasheet
149Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF2035CT TSC-MBRF2035CT_11 Datasheet
183Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035_13 Datasheet
248Kb / 3P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com