Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POWERSOP2 Datasheet(PDF) 1 Page - Amkor Technology

Part # POWERSOP2
Description  Exceptional performance through the innovative design of PSOPs offer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

POWERSOP2 Datasheet(HTML) 1 Page - Amkor Technology

  POWERSOP2 Datasheet HTML 1Page - Amkor Technology POWERSOP2 Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
Features:
Thermal Resistance:
g
Electrical:
Reliability:
PowerSOP® Packages:
(PSOP / PSSOP)
This Amkor-developed family of power IC
packages significantly increases the thermal
efficiency of power constrained standard SOIC
packages. The PowerSOP© (PSOP) improves
Theta JA up to 50% over a standard SOIC
thereby expanding the margin of operating
parameters. The large integrated exposed
copper heatslug to which the IC chip is direct-
ly attached results in an increased ability to
dissipate heat. The leadframe and heatslug
are mechanically attached, leaving the leads
electrically isolated. The package is offered in
a low stand-off (.002) heatslug down ver-
sion, which is MS-012, MS-013, or MO-166
JEDEC compliant depending on the package
you choose. These flexibilities still allow
maximum thermal management by directly
soldering the slug to the PCB. Furthermore,
there are two types of PSOPs (2 and 3)
available with various features and benefits
to address different market application
needs.
Applications:
Increased end-application densities and
shrinking product sizes demand more from
IC packages. PSOPs give designers the
needed margin for designing and producing
high performing products such as telecom,
disk drives, pagers, wireless, CATV/RF
modules, radio, automotive/industrial and
other similar applications. GaAs, SiGe and
hi-speed silicon technologies work especially
well in PSOP packages due to added
shielding and grounding capabilities.
LEADFRAME
www.amkor.com
Exceptional performance through the innovative design of PSOPs offer:
• Up to 50% improvement in Theta JA when slug soldered to board
• Highly conductive copper heatslug and leadframes
• Optional PSOP assembly materials for enhanced power capability include soft solder
die attach
• Available in:
PSOP 2
(.150" body) - 8, 16 lead
(.300" body) - 16, 20, 24, 28 lead
PSOP 3
(11 x 15.9 mm body) - 20, 24, 30, 36, 44 lead
PSSOP
(.150" body) - 16, 28 lead
Single Layer PCB
Theta JA (°C/W) by Velocity (LFPM)
Body
Pad
0
200
500
Pkg
Size
Size
S/NS
S/NS
S/NS
PSOP 2
8
3.8 x 4.9
2.3 x 3.1
144.1/157.6 120.2/131.1 104.2/112.8
16
3.8 x 9.9
2.3 x 4.9
91.2/95.9
72.2/75.2
61.8/64.4
PSOP 3
20
11 x 15.9
7.5 x 7.9
50.8/52.4
35.7/37.6
27.8/28.8
Multi-Layer PCB
Theta JA (°C/W) by Velocity (LFPM)
Body
Pad
0
200
500
Pkg
Size
Size
S/NS
S/NS
S/NS
PSOP 2
8
3.8 x 4.9
2.3 x 3.1
51.8/95.3
45.5/86.5
42.6/80.6
16
3.8 x 9.9
2.3 x 4.9
30.2/51.6
25.0/45.3
23.0/42.3
PSOP 3
20
11 x 15.9
7.5 x 7.9
19.2/25.7
14.2/20.4
12.2/17.8
JEDEC Standard Test Boards
S - Slug Soldered to Test Board
N/S - Slug Not Soldered to Test Board
Body
Pad
Inductance Capacitance Resistance
Pkg
Size
Size
Lead
(nH)
(pF)
(mΩ)
PSOP 2
8 ld
4.9 x 3.9
3.2 x 2.3
Longest
1.120
0.456
9.9
Shortest
0.684
0.344
5.7
PSOP 3
20 ld
11 x 15.9
7.5 x 7.9
Longest
3.130
1.990
30.6
Shortest
1.540
0.604
9.42
PSSOP
16 ld
4.9 x 3.9
1.3 x 3.2
Longest
1.510
0.367
12.8
Shortest
0.885
0.243
8.36
IC chips are assembled in optimized package designs with proven reliable
semiconductor materials.
• High temp storage: 150 °C, 1000 hrs.
• HAST:
130 °C/85% RH, no bias, 96 hours
• Temp cycle:
-65/150 °C, 500 cycles
PowerSOP® 2&3
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.
DS320G
Rev Date: 01’07


Similar Part No. - POWERSOP2

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
POWERSOP AMKOR-POWERSOP Datasheet
311Kb / 2P
Power Small Outline Package,PowerSOP
More results

Similar Description - POWERSOP2

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
MQFPPOWERQUAD2 AMKOR-MQFPPOWERQUAD2 Datasheet
99Kb / 2P
Exceptional thermal and electrical performance by design include the following
logo
National Semiconductor ...
AN-2026 NSC-AN-2026 Datasheet
450Kb / 8P
The Effect of PCB Design on the Thermal Performance of SIMPLE SWITCHER
logo
STMicroelectronics
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932_15 Datasheet
618Kb / 7P
Exceptional Broadband Performance
logo
SYNERGY MICROWAVE CORPO...
DCRO119185-12-1 SYNERGY-DCRO119185-12-1 Datasheet
345Kb / 3P
Exceptional Phase Noise Performance
DCRO221226-8 SYNERGY-DCRO221226-8 Datasheet
350Kb / 3P
Exceptional Phase Noise Performance
DCSR4143-8 SYNERGY-DCSR4143-8 Datasheet
372Kb / 3P
Exceptional Phase Noise Performance
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932 Datasheet
618Kb / 7P
Exceptional Broadband Performance
logo
Cherry Semiconductor Co...
SR-4300 CHERRY-SR-4300_17 Datasheet
134Kb / 2P
ExpressCards Offer Even More Speed and Performance than the PC Card
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com