Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56300 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 106Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 108Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 104 / 108 page
background image
C-12
Viterbi Decoder Implementation
24-Bit Algorithm Program Listing
;********POSTPROCESSING, FLUSH ENCODER BACK TO 0****
; ASSUMES that there are an odd number of bytes of data!!!
; This will need redoing if the number of data bytes is even.
; THESE SETUPS SHOULD ACCOMODATE ENCODERS OF 5 TO 8 BITS.
; ENCBITS-1 PREPROCESSED, 152 IN MAIN LOOP DONE
; SO WE HAVE 24-ENCBITS+1 BITS LEFT.
; WE DO ENCODER FLUSHING FOR #ENCBITS-1 BITS. SO WE HAVE
; (24-ENCBITS+1) - ENCBITS+1 DO DO BEFORE FLUSHING.
; NEXT, WE PROCESS THE ENCODER FLUSH BITS, STOPPING TO STORE
; PATHS AS NEEDED. WE STORE AFTER 16 BITS PROCESSED SO THIS MEANS
; STORE PATHS AFTER 24-2*ENCBITS+2 (from nonflush) +16-(24-2*ENCBITS+2)
; (these are the additional flush bits needed before storing paths).
; FINALLY, WE FINISH OUT THE DATA. THE BITS REMAINING ARE:
; 24-ENCBITS+1-(24-2*ENCBITS+2)-(16-(24-2*ENCBITS+2))
; = 8-ENCBITS+1.
;
; FOR THIS EXAMPLE, WE NONFLUSH PROCESS
; 14 MORE BITS, THEN FLUSH 2, STORE PATH, THEN FLUSH
; THE LAST THREE TO STATE 0.
; LAST 14 NONFLUSH BITS---
;**********************************************************************
do
#24-(2*ENCBITS)+2,LAST14
FindMetrics
ACS
;
LAST14
;
;
ENCODER FLUSH-----
;
move
#>NUMSTATES/2,n5
;flush, process 16,8, 4, then 2,
;
then 1 state
do
#16-(24-(2*ENCBITS)+2),FLSH;process 2 of last five bits to get
;
next to last byte
FindMetrics
ACSFlush
;
ACS
FLSH
STOREPATHS#NUMSTATES/8
;
;
FLUSH THE LAST THREE BITS------
;
do
#8-ENCBITS+1,FLSH3
;process last 3 bits to get last
;
byte
FindMetrics
ACSFlush
;
ACS
FLSH3
;
TRACEBACK
;
FINISH
nop
Example C-1
24-bit Algorithm Program Listing (Continued)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com