Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCDB2000 Datasheet(PDF) 14 Page - Texas Instruments

Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCDB2000_V01 Datasheet HTML 10Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 11Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 12Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 13Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 14Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 15Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 16Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 17Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
6.5 Programming
The CDCDB2000 has two methods to program the states of its 20 output drivers: SMBus and SBI.
To select between SMBus and SBI interfaces, the SBEN pin is used. Pulling the SBEN to a high level enables
the SBI. Pulling the SBEN pin to ground enables the SMBus interface. When SBI is enabled, the SMBus Mask
registers are active. The SMBus Mask registers allow the function of the SBI shift registers to be disabled and
set the each individual channel as enabled. See Figure 6-2 for a diagram of how the SMBus Mask registers and
SBI shift register interact to enable or disable each output.
D
Q
Q
>
D
Q
Q
>
Q0
Q1
To Q2
OE1
OE0
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
D
Q
Q
>
OE19
From Q18
Shift
Register
Output
Register
(Default is 1)
DATA
CLK
SHFT_LD#
Mask0
Mask1
Mask19
To Output Logic
From SMBus Mask
Registers
Side-Band Interface
Figure 6-2. SMBus Mask Register and SBI Shift Register Logic
6.5.1 SMBus
SMBus programming is described in Section 6.3.2, and the registers are described in Section 7.
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com