Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4580IPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # RC4580IPWR
Description  RC4580 Dual Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button RC4580IPWR Datasheet HTML 7Page - Texas Instruments RC4580IPWR Datasheet HTML 8Page - Texas Instruments RC4580IPWR Datasheet HTML 9Page - Texas Instruments RC4580IPWR Datasheet HTML 10Page - Texas Instruments RC4580IPWR Datasheet HTML 11Page - Texas Instruments RC4580IPWR Datasheet HTML 12Page - Texas Instruments RC4580IPWR Datasheet HTML 13Page - Texas Instruments RC4580IPWR Datasheet HTML 14Page - Texas Instruments RC4580IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
7.1.3 Application Curves
The measured transfer functions in Figure 7-2, Figure 7-3, and Figure 7-4 were generated by sweeping the input
voltage from 0V to 12V. However, this design should only be used between 2V and 10V for optimum linearity.
±12
±8
±4
0
4
8
12
16
0
2
4
6
8
10
12
VIN (V)
C003
Figure 7-2. Differential Output Voltage vs Input
Voltage
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
VIN (V)
C001
Figure 7-3. Positive Output Voltage vs Input
Voltage
0
2
4
6
8
10
12
0
2
4
6
8
10
12
VIN (V)
C002
Figure 7-4. Positive Output Voltage vs Input Voltage
7.2 Power Supply Recommendations
The RC4580 device is specified for operation over the range of ±2V to ±16V; many specifications apply from
–40°C to 125°C. The Typical Characteristics section presents parameters that can exhibit significant variance
with regard to operating voltage or temperature.
CAUTION
Supply voltages outside of the ±18V range can permanently damage the device (see the Absolute
Maximum Ratings).
Place 0.1μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high
impedance power supplies. For more detailed information on bypass capacitor placement, refer to the Layout
Guidelines.
7.3 Layout
7.3.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
www.ti.com
RC4580
SLOS412E – APRIL 2003 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: RC4580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com