Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX110247 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX110247
Description  Breakout Kit, Up to 288 Fibers Flex Ribbon Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX110247 Datasheet(HTML) 1 Page - Belden Inc.

  AX110247 Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: AX110247
Breakout Kit, Up to 288 Fibers Flex Ribbon Cable
Product Description
Breakout Kit, up to 288 Fibers, 24 tubes, 12 x 250um fibers per tube. For cables with max OD up to19 mm.
Technical Specifications
Construction
Weight:
0.522 lbs
Assembly Cable
Cable Nominal OD
1.1 m x 3.0 mm
Product Material
Materials
Description
Material Color
Type
Breakout Kit
Black
Up to 288 Fiber bundle unitube cable breakout kit with 12 color coded tubes
Body Break Out
Kit
Onyx
White
Maximum 108 mm X 34.9 mm
Heat shrink
Plastic
Black
Related Part Numbers
Included Parts:
Cable body, breakout body, and adhesive shrink tubing
Variants
Item #
Color
UPC
AX110247 Black
611589310260
Product Notes
Packaging:
Product Individually packaged in a transparent polybag.
History
Update and Revision:
Revision Number: 0.28 Revision Date: 10-23-2024
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - AX110247

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX11025 ASIX-AX11025 Datasheet
166Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
More results

Similar Description - AX110247

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-6600 MOLEX11-62201-6600 Datasheet
41Kb / 1P
Ribbon Cable Tool Kit, Press Not Included
logo
SparkFun Electronics
KIT-15702 SPARKFUN-KIT-15702 Datasheet
593Kb / 3P
SparkFun Fuse Breakout Kit
10????9
logo
Molex Electronics Ltd.
0621002400 MOLEX-0621002400 Datasheet
74Kb / 14P
IDT Ribbon Cable Adapter Kit for 2.00mm
08/26/2022
0622016600 MOLEX-0622016600 Datasheet
272Kb / 73P
Ribbon Cable Tool Kit, Press Not Included
08/26/2022
logo
Belden Inc.
FDSR288R5 BELDEN-FDSR288R5 Datasheet
138Kb / 2P
Indoor/Outdoor OFNR OS2 Flexible Ribbon 288 Fibers 24F Subs
04-08-2022
FISR288A5 BELDEN-FISR288A5 Datasheet
171Kb / 2P
Indoor Plenum Aluminum Interlocked Armor OS2 Flexible Ribbon 288 Fibers 24F Subunit Yellow Jacket
04-08-2022
FISR288C5 BELDEN-FISR288C5 Datasheet
171Kb / 2P
Indoor OFCR-LS OS2 Flexible Ribbon 288 Fibers 24F Subs
04-08-2022
FISR288L5 BELDEN-FISR288L5 Datasheet
141Kb / 2P
Indoor OFNR OS2 Flexible Ribbon 288 Fibers 24F Subs
04-08-2022
FISR288P5 BELDEN-FISR288P5 Datasheet
140Kb / 2P
Indoor OFNP OS2 Flexible Ribbon 288 Fibers 24F Subs
04-08-2022
FISR288RY BELDEN-FISR288RY Datasheet
138Kb / 2P
Indoor OFNR OS2 Flexible Ribbon 288 Fibers 72F Subs
04-08-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com