Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX100598 Datasheet(PDF) 2 Page - Belden Inc.

Part # AX100598
Description  EZ-MDVO Modular Jack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX100598 Datasheet(HTML) 2 Page - Belden Inc.

  AX100598 Datasheet HTML 1Page - Belden Inc. AX100598 Datasheet HTML 2Page - Belden Inc. AX100598 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Connector/Hardware Retention:
20 lbs
Plug/Connector Retention:
11.250 lbs
Termination Interface
Durabilities
1,000 cycles
Dimensions (WxHxD)
Width Height Depth
0.75
0.71
1.25
Standards
Data Category:
Category 5e
TIA/EIA Compliance:
Category 5e - TIA 568.C.2, Category 5 - ISO/IEC 11801:2002 Ed.2
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS):
Yes
MII Order #39 (China RoHS):
EUP 50
Suitability
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
Safety Listing:
ACA, c(UL)us Listed
Related Part Numbers
Related Parts:
Compatible with Interface and MDVO Style Faceplates, Adapters, Boxes and Patch Panels
Variants
Item #
Color
Packaging
AX100172 Almond
Single Pack
AX100578 Almond
Single Pack
AX100589 Almond
Single Pack
AX100646 Almond
Single Pack
AX100174 Black
Single Pack
AX100580 Black
Single Pack
AX100591 Black
Single Pack
AX100648 Black
Single Pack
AX100171 Gray
Single Pack
AX100577 Gray
Single Pack
AX100588 Gray
Single Pack
AX100645 Gray
Single Pack
AX100179 TIA Blue
Single Pack
AX100585 TIA Blue
Single Pack
AX100596 TIA Blue
Single Pack
AX100653 TIA Blue
Single Pack
AX100181 TIA Brown
Single Pack
AX100587 TIA Brown
Single Pack
AX100598 TIA Brown
Single Pack
AX100655 TIA Brown
Single Pack
AX100178 TIA Green
Single Pack
AX100584 TIA Green
Single Pack
AX100595 TIA Green
Single Pack
AX100652 TIA Green
Single Pack
AX100175 TIA Orange Single Pack
AX100581 TIA Orange Single Pack
AX100592 TIA Orange Single Pack
AX100649 TIA Orange Single Pack
AX100180 TIA Purple
Single Pack



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com