Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX102285 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX102285
Description  10GX Modular Jack, Category 6A, RJ45, KeyConnect Style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX102285 Datasheet(HTML) 1 Page - Belden Inc.

  AX102285 Datasheet HTML 1Page - Belden Inc. AX102285 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 10GX KEYCONNECT JACKS
10GX Modular Jack, Category 6A, RJ45, KeyConnect Style
Product Description
CAT6A KeyConnect Jacks are available in several colors.
Technical Specifications
Product Overview
Suitable Applications:
IBDN System 10GX, TIA Category 6A, ISO Class EA, 10GBASE-T
Physical Characteristics (Overall)
Height:
0.9 in
Width:
0.675 in
Depth:
1.17 in
Wiring Scheme:
T568A/B
Packaging:
Individually packaged in a plastic bag. Standard pack of 50 units.
Weight:
0.016 lbs
Connectors
Materials
Description
Material
Type
Front Connection Flexible PCB with 50 µ inch Gold over Nickel
Flexible PCB
Rear Connection
Phosphor Bronze with Tin Plating over Nickel IDC
Connector Body
Plastic - UL94V-0
Electrical Characteristics
Dielectric Strength:
1,000V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max Contact Resistance:
20 mOhm
Termination Resistance:
2.5 mOhm
Temperature Range
Installation Temperature Range:
-10°C to +60°C
Storage Temperature Range:
-40°C to +70°C
Operating Temperature Range:
-10°C to +60°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Tool Compatibility:
Belden 110 Connecting Tool
Plug /Jack Compatibility:
RJ45, RJ11
Termination Front Connection:
Mated Connection
Termination Front Connection Durability: 750 cycles
Termination Rear Connection:
IDC Connection


Similar Part No. - AX102285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102283 ETC2-AX102283 Datasheet
113Kb / 4P
Modular Connectors - 10GX Modular Jack -KeyConnect
More results

Similar Description - AX102285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101309 ETC2-AX101309 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101313 ETC2-AX101313 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101314 ETC2-AX101314 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101316 ETC2-AX101316 Datasheet
108Kb / 3P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101318 ETC2-AX101318 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101319 ETC2-AX101319 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101321 ETC2-AX101321 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101325 ETC2-AX101325 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101327 ETC2-AX101327 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX102283 ETC2-AX102283 Datasheet
113Kb / 4P
Modular Connectors - 10GX Modular Jack -KeyConnect
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com