Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-RPS-CH3 Datasheet(PDF) 6 Page - Extreme Networks.

Part # VX-RPS-CH3
Description  Simplified edge switch operation leveraging the power of ExtremeXOS® aggregation switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

VX-RPS-CH3 Datasheet(HTML) 6 Page - Extreme Networks.

  VX-RPS-CH3 Datasheet HTML 1Page - Extreme Networks. VX-RPS-CH3 Datasheet HTML 2Page - Extreme Networks. VX-RPS-CH3 Datasheet HTML 3Page - Extreme Networks. VX-RPS-CH3 Datasheet HTML 4Page - Extreme Networks. VX-RPS-CH3 Datasheet HTML 5Page - Extreme Networks. VX-RPS-CH3 Datasheet HTML 6Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Warranty
All V400 Series switches are covered under Extreme's Universal
LLW policy. For warranty details, visit: http://www.extremenetworks.com/
support/policies.
Power Cords
In support of Extreme Networks Green initiatives, power cords are not
included with the V400 but can be ordered separately. They should be
specified at time of ordering.
Optics/Transceivers
For a list of the optics/transceivers supported on the V400 Series
hardware, refer to our Extreme Optics Compatibility Tool at https://
optics.extremenetworks.com.
Maintenance Services
Extreme's maintenance and support services with 100% in-sourced
engineering experts and over 90% first-person resolution ensure efficient
operation of your business- essential network. 24x7x365 phone support,
advanced parts replacement, and on-site support augment your staff with
experienced resources that help you mitigate critical network issues fast.
Visit Extreme Maintenance Services for more information.
©2023 Extreme Networks, Inc. All rights reserved. Extreme Networks and the Extreme Networks logo are trademarks or registered trademarks of Extreme Networks,
Inc. in the United States and/or other countries. All other names are the property of their respective owners. For additional information on Extreme Networks
Trademarks please see http://www.extremenetworks.com/company/legal/trademarks. Specifications and product availability are subject to change without notice.
12sep23
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com