Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XN-DCPWR-750W-R Datasheet(PDF) 7 Page - Extreme Networks.

Part # XN-DCPWR-750W-R
Description  High-Performance Fabric-Enabled Core and Aggregation Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-750W-R Datasheet(HTML) 7 Page - Extreme Networks.

  XN-DCPWR-750W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 7Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 8Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2818 HTTP over TLS
2819 Remote Network Monitoring MIB
2863 Interfaces Group MIB
2865 RADIUS
2869 RADIUS Extensions (partial support)
2874 DNS Extensions for IPv6
2925 Definitions of Managed Objects for Remote Ping, Traceroute, and
Lookup Operations
2933 IGMP MIB
2934 PIM MIB for IPv4
2992 ECMP Algorithm
3046 DHCP Relay Agent Information Option 82
3162 RADIUS and IPv6
3246 Expedited Forwarding PHB
3315 DHCPv6
3339 Date and Time on The Internet: Timestamps
3376 IGMPv3
3411 Architecture for Describing SNMP Management Frameworks
3412 Message Processing and Dispatching for SNMP
3413 SNMP Applications
3414 USM for SNMPv3
3415 VACM for SNMP
3416 Protocol Operations v2 for SNMP
3417 Transport Mappings for SNMP
3418 MIB for SNMP
3484 Default Address Selection for IPv6
3513 IPv6 Addressing Architecture
3569 Overview of SSM
3579 RADIUS Support for EAP
3587 IPv6 Global Unicast Address Format
3596 DNS Extensions to support IPv6
3748 Extensible Authentication Protocol
3810 MLDv2 for IPv6
3879 Deprecating Site Local Addresses
4007 IPv6 Scoped Address Architecture
4022 TCP MIB
4087 IP Tunnel MIB
4113 UDP MIB
4133 Entity MIB Version 3 (partial support)
4193 Unique Local IPv6 Unicast Addresses
4213 Basic Transition Mechanisms for IPv6 Hosts and Routers
4250 SSH Assigned Numbers
4251 SSH Protocol Architecture
4252 SSH Authentication Protocol
4253 SSH Transport Layer Protocol
4254 SSH Connection Protocol
4255 DNS to Securely Publish SSH Key Fingerprints
4256 Generic Message Exchange Authentication for SSH
4291 IPv6 Addressing Architecture
4292 IP Forwarding Table MIB
4293 IP MIB
4301 Security Architecture for IP1
4302 IP Authentication Header1
4303 IP Encapsulating Security Payload1
4308 Cryptographic Suites for IPsec
4363 Definitions of Managed Objects for Bridges with Traffic Classes,
Multicast Filtering and VLAN Extensions (partial support)
4429 Optimistic DAD for IPv6 (partial support)
4443 ICMP for IPv6
4541 Considerations for IGMP and MLD Snooping Switches
4552 Authentication/Confidentiality for OSPFv3
4601 PIM-SM: Revised Protocol Specification
4607 Source-Specific Multicast for IP
4675 RADIUS Attributes for Virtual LAN and Priority Support (partial
support)
4835 Cryptographic Algorithm Implementation Requirements for ESP and
AH
4861 Neighbor Discovery for IPv6
4862 IPv6 Stateless Address Auto-Configuration
5095 Deprecation of Type 0 Routing Headers in IPv6
5176 Dynamic Authorization Extensions to RADIUS
5187 OSPFv3 Graceful Restart (Helper-mode)
5308 Routing IPv6 with IS-IS
5340 OSPF for IPv6
5424 The Syslog Protocol
5798 VRRPv3 for IPv4 and IPv6
5905 NTPv4: Protocol and Algorithms Specification
5997 Use of Status-Server Packets in RADIUS
6105 IPv6 Router Advertisement Guard
6329 IS-IS Extensions supporting IEEE 802.1aq SPB
6933 Entity MIBv4 (partial support)
7358 VXLAN: A Framework for Overlaying Virtualized L2 Networks over L3
Networks (partial support)
7610 DHCPv6 Shield: Protecting against Rogue DHCPv6 Servers
Internet-Draft IP/IPVPN services with IEEE 802.1aq SPB networks (draft-
unbehagen-spb-ip-ipvpn-00)
Internet-Draft SPB Deployment Considerations (draft-lapuh-spb-
deployment-03)
1 Implemented to deliver IPsec capability for Control Plane traffic
only.
Base Software and Licensing
The VSP 7400 Series is being introduced with the VSP Operating
System Software (VOSS) 8.0 release, which is the minimum
required to operate the switch. Base software included with the
VSP 7400 Series hardware purchase provides most of the features
available on the switch. A Premium Software license, however, is
required to enable the following features on the switch:
• Layer 3 Virtual Services Networks (VSNs)
• Distributed Virtual Routing Controller
• VXLAN Gateway
• 25 or more VRFs
• Extreme Insight Architecture
www.extremenetworks.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com