| Electronic Components Datasheet Search |
|
10941 Datasheet(PDF) 2 Page - Extreme Networks. |
|
|
|||||||||||||||||||||||||||||
10941 Datasheet(HTML) 2 Page - Extreme Networks. |
|
2 / 13 page ![]() Integrated Application Hosting Select X465 Series models support Extreme's Integrated Application Hosting* which leverages the switch's hardware and software design to run onboard applications without impacting switch performance. X465 models equipped with a quad-core processor can run a Guest VM directly on the switch, supporting third-party or customized applications to meet specific business or operational needs. This can provide additional network insight or enable new network applications without need for a separate hardware device. * Requires a Core License VIM Options for Flexible Uplinks The X465 supports Versatile Interface Modules (VIMs) for both its uplink and two dedicated stacking ports, and each X465 model has one VIM slot available for uplinks. VIM options include two and four-port modules that support 10Gb, 25Gb, and 40Gb data rates, as well as modules with LRM and/or MACsec support. Fabric Attach Fabric Attach is available on all X465 models to provide you with an automated connection to Extreme’s Fabric Connect solution. Providing zero touch edge provisioning, Fabric Attach gives you access to Extreme Fabric Connect infrastructure’s virtualized services and advanced security capabilities. MACsec Link Encryption IEEE 802.1AE MACsec is supported on X465 Series access and uplink ports, enabling the encryption and decryption of packets between connected switches or devices. As a link-only encryption, X465 switches can still apply services to the packet, such as policy or QoS, without compromising the security of packets across the link. With 128-bit and 256-bit Advanced Encryption Standard (AES) support, the X465 provides the most secure link encryption. Role-Based Policy X465 models support role-based policies administered through the ExtremeControl policy manager. This policy framework allows your network administrators to define distinct roles or profiles to your enterprise’s operational groups. These defined roles can be granted access to your chosen network services or applications and enforce access privileges within both wired and wireless network access points. Location LED X465 models come equipped with a location LED on the chassis’ front panel, allowing you to quickly identify a specific X465 switch deployed in a wiring closet or a stack. Cloud-Based Network Management The X465 can be managed by ExtremeCloud IQ and ExtremeCloud IQ – Site Engine for centralized switch management, giving you a consolidated view of users, devices, and applications across wired and wireless networks. ExtremeCloud IQ enables zero touch provisioning, allowing you to quickly bring new X465 switches online and a granular view that enables efficient inventory and network topology management. Alternatively, X465 on-box management can be done manually via a web- based GUI or a generic command-line interface (CLI). Note: Refer to the ExtremeCloudIQ Release Notes: New Features and Enhancements for the latest list of XIQ-supported X465 models. www.extremenetworks.com 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |