Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD080 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 18Page - Texas Instruments SN65MLVD080 Datasheet HTML 19Page - Texas Instruments SN65MLVD080 Datasheet HTML 20Page - Texas Instruments SN65MLVD080 Datasheet HTML 21Page - Texas Instruments SN65MLVD080 Datasheet HTML 22Page - Texas Instruments SN65MLVD080 Datasheet HTML 23Page - Texas Instruments SN65MLVD080 Datasheet HTML 24Page - Texas Instruments SN65MLVD080 Datasheet HTML 25Page - Texas Instruments SN65MLVD080 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
www.ti.com
f + 45%
1
2
t
transition
(1)
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
APPLICATION INFORMATION (continued)
tsk(o)Source = 2.0 ns – Output skew of data processing unit; any skew between data bits, or clock and data bits
tsk(p-p)DRVR = 0.6 ns – Driver part-to-part skew of the SN65MLVD082
tsk(flight)BP = 0.4 ns – Skew of propagation delay on the backplane between data and clock
tsk(p-p)RCVR = 1.0 ns – Receiver part-to-part skew of the SN65MLVD082
The 238-MHz maximum operating speed calculated above was determined based on data and clock skews only.
Another important consideration when calculating the maximum operating speed is output transition time.
Transition-time-limited operating speed can be calculated from the following formula:
Using the typical transition time of the SN65MLVD082 of 1.4 ns, a transition-time-limited operating frequency of
170 MHz can be supported.
In addition to the high operating frequencies of SSSC that can be ensured, the SN65MLVD082 presents other
benefits as other M-LVDS bus transceivers can provide:
Robust system operation due to common mode noise cancellation using a low voltage differential receiver
Low EMI radiation noise due to differential signaling improves signal integrity through the backplane
A singly terminated transmission line is easy to design and implement
Low power consumption in both active and idle modes minimizes thermal concerns on each module
In dense backplane design, these benefits are important for improving the performance of the whole system.
A similar result can be achieved with the SN65MLVD080.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com