Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7802 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ACT7802
Description  1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7802 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ACT7802_06 Datasheet HTML 4Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 5Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 6Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 7Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 8Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 9Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 10Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 11Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SN74ACT7802
1024
× 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS187D – AUGUST 1990 – REVISED APRIL 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (see Figures 1 and 2)
’ACT7802-25
’ACT7802-40
’ACT7802-60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
40
25
16.7
MHz
LDCK high or low
10
14
20
t
Pulse duration
UNCK high or low
10
14
20
ns
tw
Pulse duration
DAF high
10
10
10
ns
RESET low
20
25
25
D0–D7 before LDCK
↑
4
5
5
RESET inactive (high) before LDCK
↑
5
5
5
tsu
Setup time
Define AF/AE: D0–D8 before DAF
↓
5
5
5
ns
Define AF/AE: DAF
↓ before RESET↑
7
7
7
Define AF/AE (default): DAF high before RESET
↑
5
5
5
D0–D7 after LDCK
↑
1
2
2
th
Hold time
Define AF/AE: D0–D8 after DAF
↓
0
0
0
ns
th
Hold time
Define AF/AE: DAF low after RESET
↑
0
0
0
ns
Define AF/AE (default): DAF high after RESET
↑
0
0
0
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (see Figures 1 and 2)
PARAMETER
FROM
TO
’ACT7802-25
’ACT7802-40
’ACT7802-60
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
LDCK or UNCK
40
25
16.7
MHz
t d
LDCK
↑
Any Q
8
20
30
8
35
8
45
ns
tpd
UNCK
↑
Any Q
12
30
12
35
12
45
ns
tpd‡
UNCK
↑
Any Q
21
ns
tPLH
LDCK
↑
EMPTY
4
18
4
20
4
22
ns
UNCK
↑
EMPTY
2
18
2
20
2
22
tPHL
RESET
↓
EMPTY
2
18
2
20
2
22
ns
LDCK
↑
FULL
4
18
4
20
4
22
tPLH
UNCK
↑
FULL
4
17
4
19
4
21
ns
tPLH
RESET
↓
FULL
2
17
2
19
2
21
ns
t d
LDCK
↑
AF/AE
2
20
2
22
2
24
ns
tpd
UNCK
↑
AF/AE
2
20
2
22
2
24
ns
tPLH
RESET
↓
AF/AE
2
17
2
19
2
21
ns
tPLH
LDCK
↑
HF
2
18
2
20
2
22
ns
tPHL
UNCK
↑
HF
2
18
2
20
2
22
ns
tPHL
RESET
↓
HF
2
17
2
19
2
21
ns
ten
OE
Any Q
2
12
2
14
2
16
ns
tdis
OE
Any Q
2
14
2
16
2
18
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter is measured with CL = 30 pF (see Figure 3).
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per channel
CL = 50 pF,
f = 5 MHz
65
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com