Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31DF6 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 31DF6
Description  3.0 AMPS. Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

31DF6 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  31DF6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 31DF6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 246 -
31DF4 THRU 31DF6
3.0 AMPS. Ultra Fast Recovery Rectifiers
Voltage Range
400 to 600 Volts
Current
3.0 Amperes
Features
Low forward voltage drop
Low power loss, high efficiency
High current capability
High reliability
High surge current capability
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-
STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.2 grams
DO-201AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
31DF4
31DF6
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
400
600
V
Maximum RMS Voltage
VRMS
280
420
V
Maximum DC Blocking Voltage
VDC
400
600
V
Maximum Average Forward Rectified Current
.375 (9.5mm) Lead Length @TA = 29
℃ (Note 1)
@TL = 109
I(AV)
1.2
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
45
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.7
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage
IR
20
uA
Maximum Reverse Recovery Time (Note 3)
Trr
35
nS
Typical Thermal Resistance (Note 2)
R
θJA
80
℃/W
Operating Temperature Range
TJ
-40 to +150
Storage Temperature Range
TSTG
-40 to +150
Notes: 1. Without Fin or P.C.Board..
2. Thermal Resistance from Junction to Ambient .375”(9.5mm) Lead Length.
3. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A


Similar Part No. - 31DF6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DF6 NIEC-31DF6 Datasheet
23Kb / 2P
FRD - LOW POWER LOSS, HIGH EFFICIENCY
logo
Taiwan Semiconductor Co...
31DF6 TSC-31DF6 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF6 BILIN-31DF6 Datasheet
61Kb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
31DF6 TSC-31DF6 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
31DF6 LUGUANG-31DF6 Datasheet
183Kb / 2P
3.0 AMP. Super Fast Rectifiers
More results

Similar Description - 31DF6

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MR850 JGD-MR850 Datasheet
138Kb / 2P
3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR301 TSC-FR301 Datasheet
68Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_1 Datasheet
244Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
MR850 TSC-MR850 Datasheet
69Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
BY396 TSC-BY396 Datasheet
67Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
SF31G TSC-SF31G Datasheet
72Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
BY396 TSC-BY396_06 Datasheet
209Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
BY396 YANGJIE-BY396 Datasheet
704Kb / 2P
3.0 AMPS. FAST RECOVERY RECTIFIERS
FR301 YANGJIE-FR301 Datasheet
716Kb / 2P
3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR301 TSC-FR301_10 Datasheet
546Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com