Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX1574 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1574 Datasheet HTML 1Page - Texas Instruments TMUX1574 Datasheet HTML 2Page - Texas Instruments TMUX1574 Datasheet HTML 3Page - Texas Instruments TMUX1574 Datasheet HTML 4Page - Texas Instruments TMUX1574 Datasheet HTML 5Page - Texas Instruments TMUX1574 Datasheet HTML 6Page - Texas Instruments TMUX1574 Datasheet HTML 7Page - Texas Instruments TMUX1574 Datasheet HTML 8Page - Texas Instruments TMUX1574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Dynamic Characteristics ........................................... 7
6.7
Timing Requirements ................................................ 8
6.8
Typical Characteristics .............................................. 9
7
Parameter Measurement Information ................ 14
7.1
On-Resistance ........................................................ 14
7.2
Off-Leakage Current ............................................... 14
7.3
On-Leakage Current ............................................... 15
7.4
IPOFF Leakage Current ............................................ 15
7.5
Transition Time ....................................................... 16
7.6
tON (EN) and tOFF (EN) Time....................................... 16
7.7
tON (VDD) and tOFF (VDD) Time................................... 17
7.8
Break-Before-Make Delay....................................... 17
7.9
Propagation Delay................................................... 18
7.10
Skew ..................................................................... 18
7.11
Charge Injection .................................................... 19
7.12
Capacitance .......................................................... 19
7.13
Off Isolation ........................................................... 20
7.14
Channel-to-Channel Crosstalk .............................. 20
7.15
Bandwidth ............................................................. 21
8
Detailed Description ............................................ 22
8.1
Overview ................................................................. 22
8.2
Functional Block Diagram ....................................... 22
8.3
Feature Description................................................. 22
8.4
Device Functional Modes........................................ 24
8.5
Truth Tables ............................................................ 24
9
Application and Implementation ........................ 25
9.1
Application Information............................................ 25
9.2
Typical Application ................................................. 25
10
Power Supply Recommendations ..................... 26
11
Layout................................................................... 27
11.1
Layout Guidelines ................................................. 27
11.2
Layout Example .................................................... 28
12
Device and Documentation Support ................. 29
12.1
Documentation Support ........................................ 29
12.2
Receiving Notification of Documentation Updates 29
12.3
Community Resources.......................................... 29
12.4
Trademarks ........................................................... 29
12.5
Electrostatic Discharge Caution ............................ 29
12.6
Glossary ................................................................ 29
13
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (September 2019) to Revision C
Page
•
Added prop delay and skew specs for DYY package ........................................................................................................... 8
•
Changed Figure 20 to include prop. delay and skew for DYY package .............................................................................. 12
Changes from Revision A (December 2018) to Revision B
Page
•
Added the SOT-23-THIN (DYY) package to the data sheet .................................................................................................. 1
•
Added thermal information for DYY package. ........................................................................................................................ 5
Changes from Original (October 2018) to Revision A
Page
•
Changed the document status From: Advanced Information To: Production data ................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com