Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS125AD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS125AD
Description  QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS125AD Datasheet(HTML) 3 Page - Texas Instruments

  SN74LS125AD Datasheet HTML 1Page - Texas Instruments SN74LS125AD Datasheet HTML 2Page - Texas Instruments SN74LS125AD Datasheet HTML 3Page - Texas Instruments SN74LS125AD Datasheet HTML 4Page - Texas Instruments SN74LS125AD Datasheet HTML 5Page - Texas Instruments SN74LS125AD Datasheet HTML 6Page - Texas Instruments SN74LS125AD Datasheet HTML 7Page - Texas Instruments SN74LS125AD Datasheet HTML 8Page - Texas Instruments SN74LS125AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN54125, SN54126, SN54LS125A, SN54LS126A,
SN74125, SN74126, SN74LS125A, SN74LS126A
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SDLS044A – DECEMBER 1983 – REVISED MARCH 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics (each gate)
’125 CIRCUITS
’126 CIRCUITS
1.6 k
W
OUTPUT Y
OUTPUT Y
1.6 k
W
1.6 k
W
1.6 k
W
625
W
625
W
4 k
W
4 k
W
4 k
W
4 k
W 4.25 kW
2.5 k
W
2.5 k
W
2.5 k
W
2.5 k
W
1 k
W
1 k
W
4 k
W
85
W
85
W
DATA
INPUT A
CONTROL
INPUT G
GND
GND
VCC
VCC
CONTROL
INPUT G
DATA
INPUT A
4 k
W
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
(’125 and ’126)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2):N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network ground terminal.
2. The package termal impedance is calculated in accordance with JESD 51-7.
The SN54125, SN54126, SN74125,
SN74126, and SN54LS126A are
obsolete and are no longer supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com