Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX1574DYYR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 20Page - Texas Instruments TMUX1574DYYR Datasheet HTML 21Page - Texas Instruments TMUX1574DYYR Datasheet HTML 22Page - Texas Instruments TMUX1574DYYR Datasheet HTML 23Page - Texas Instruments TMUX1574DYYR Datasheet HTML 24Page - Texas Instruments TMUX1574DYYR Datasheet HTML 25Page - Texas Instruments TMUX1574DYYR Datasheet HTML 26Page - Texas Instruments TMUX1574DYYR Datasheet HTML 27Page - Texas Instruments TMUX1574DYYR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.4 Device Functional Modes
The enable (EN) pin is an active-low logic pin that controls the connection between the source (SxA, SxB) and
drain (Dx) pins of the device. When the enable pin is pulled high, all switches are turned off. When the enable is
pulled low, the select pin controls the signal path selection. The select pin (SEL) controls the state of all four
channels of the TMUX1574 and determines which source pin is connected to the drain pins. When the select pin
is pulled low, the SxA pin conducts to the corresponding Dx pins. When the select pin is pulled high, the SxB pin
conducts to the corresponding Dx pins. The TMUX1574 logic pins have internal weak pull-down resistors (6 MΩ)
to GND so that it powers-on in a known state.
The TMUX1574 can be operated without any external components except for the supply decoupling capacitors.
Unused logic control pins should be tied to GND or VDD in order to ensure the device does not consume
additional current as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path inputs
(SxA, SxB, or Dx) should be connected to GND.
8.5 Truth Tables
(1)
X denotes don't care.
Table 1. TMUX1574 Truth Table
INPUTS
Selected Source Pins Connected To Drain Pins (Dx)
EN
SEL
0
0
S1A connected to D1
S2A connected to D2
S3A connected to D3
S4A connected to D4
0
1
S1B connected to D1
S2B connected to D2
S3B connected to D3
S4B connected to D4
1
X(1)
Hi-Z (OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com