Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS2 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ABS2
Description  Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ABS2 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ABS2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ABS2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
ABS2 - ABS10
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS
DETAIL "A", SCALE=20/1
A
0.033(0.85)
0.026(0.65)
0.20(5.1)
0.193(4.9)
0.136(3.45)
0.128(3.25)
0.161(4.1)
0.154(3.9)
0.028(0.7)
0.024(0.6)
0.028(0.7)
0.012(0.3)
Features
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique
High temperature soldering guaranteed:
260oC / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Small size, simple installation
Pure tin plated terminal , Lead free. Leads
solderable per MIL-STD-202, Method 208
High surge current capability
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
ABS2 ABS4 ABS6 ABS8 ABS10 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
I(AV)
0.8
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 0.4A
VF
095
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
150
uA
uA
Typical Thermal resistance Junction to Lead
On aluminum substrate
On Glass-Epoxy substrate
RθJL
RθJA
25
62.5
80
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC


Similar Part No. - ABS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS2 ETC1-ABS2 Datasheet
451Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2 Datasheet
58Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Diotech Company.
ABS2 DIOTECH-ABS2 Datasheet
729Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2 Datasheet
338Kb / 2P
Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 1.0A
More results

Similar Description - ABS2

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBP100G JGD-KBP100G Datasheet
122Kb / 2P
SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1W005 TSC-1W005_1 Datasheet
88Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2 Datasheet
58Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB101 LUGUANG-DB101 Datasheet
255Kb / 2P
Single Phase 1.0 AMP Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
ABS2 YEASHIN-ABS2 Datasheet
751Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LB10M DGNJDZ-LB10M Datasheet
313Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
DB107S- DGNJDZ-DB107S- Datasheet
262Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Version 1.3 2015/4/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com