Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR35 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # AR35
Description  35.0 AMPS. High Current Button Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

AR35 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  AR35 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd AR35 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
AR(S)35 SERIES
35.0 AMPS. High Current Button Rectifiers
ARS
AR
Features
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Low cost construction utilizing void-free molded
plastic technique
Low cost
Diffused junction
Low leakage
High surge capability
High temperature soldering guaranteed:
260
oC for 10 seconds
Mechanical Data
Case: Molded plastic case
Terminals:
Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208
Polarity: Color ring denotes cathode
Weight: 0.07 ounce, 1.8 grams
Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
ARS
35A
ARS
35B
ARS
35D
ARS
35G
ARS
35J
ARS
35K
ARS
35M
Type Number
Symbol
AR
35A
AR
35B
AR
35D
AR
35G
AR
35J
AR
35K
AR
35M
Units
Maximum Recurrent Peak Revere Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@Tc = 150
oC
I(AV)
35
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method ) at TJ=150
oC
IFSM
500
A
Maximum Instantaneous Forward Voltage
@ 35A
VF
1.0
V
Maximum DC Reverse Current @ Tc=25
oC
at Rated DC Blocking Voltage @ Tc=125
oC
IR
5.0
250
uA
uA
Typical Reverse Recovery Time (Note 2)
Trr
3.0
uS
Typical Junction Capacitance ( Note 1 )
TJ=25
oC
Cj
300
pF
Typical Thermal Resistance ( Note 3 )
RθJC
1.0
oC/W
Operating and Storage Temperature Range
TJ, TSTG
-50 to +175
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Thermal Resistance from Junction to Case, Singe Side Cooled.


Similar Part No. - AR35

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR35 LUMINIS-AR35 Datasheet
573Kb / 4P
LED optical control silicone lens
logo
Broadcom Corporation.
AR35 BOARDCOM-AR35 Datasheet
863Kb / 16P
Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
FLEXTRAL
AR35 FLEXTRAL-AR35 Datasheet
414Kb / 1P
High-Visibility Air
V04.21
AR35-025 FLEXTRAL-AR35-025 Datasheet
414Kb / 1P
High-Visibility Air
V04.21
AR35-025MMXF025-BR FLEXTRAL-AR35-025MMXF025-BR Datasheet
414Kb / 1P
High-Visibility Air
V04.21
More results

Similar Description - AR35

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ARS35 TSC-ARS35 Datasheet
73Kb / 2P
35.0 AMPS. High Current Plastic Silicon Rectifiers
ARS TSC-ARS Datasheet
340Kb / 2P
25.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50 Datasheet
290Kb / 2P
50.0 AMPS. High Current Button Rectifiers
logo
Yangzhou yangjie electr...
ARS35 YANGJIE-ARS35 Datasheet
751Kb / 2P
35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
AR25 TSC-AR25 Datasheet
560Kb / 2P
25.0 AMPS. High Current Button Rectifiers
AR35 TSC-AR35_10 Datasheet
562Kb / 2P
35.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50_10 Datasheet
556Kb / 2P
50.0 AMPS. High Current Button Rectifiers
ARS25 TSC-ARS25_10 Datasheet
569Kb / 2P
25.0 AMPS. High Current Button Rectifiers
ARS35 TSC-ARS35_10 Datasheet
563Kb / 2P
35.0 AMPS. High Current Button Rectifiers
ARS50 TSC-ARS50_10 Datasheet
564Kb / 2P
50.0 AMPS. High Current Button Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com