Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP-12-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-12-R2
Description  WR-12 Probe Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-12-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-12-R2 Datasheet HTML 1Page - Eravant SAP-12-R2 Datasheet HTML 2Page - Eravant SAP-12-R2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAP-12-R2
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/3
Final Rev 1.5
WR-12 Probe Antenna
SAP-12-R2 is an E-band probe antenna that operates from 60 GHz to 90
GHz. The antenna offers 6.5 dBi nominal directivity and 115 degrees
typical half power beamwidth on the E-plane and 60 degrees typical half
power beamwidth on the H-plane. The antenna supports linear polarized
waveforms. The input of this antenna is a WR-12 waveguide with
UG-387/U anti-cocking flange.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
60 GHz
90 GHz
Directivity
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Side Lobes, E-Plane
-10 dB
Side Lobes, H-Plane
-14 dB
Return Loss
13 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Antenna Port
WR-12 Waveguide W/ UG-387/U-M Anti-Cocking
Flange
Size
1.20
” (L) x 0.75 (Ø)
Material
Brass
Finish
Gold Plated
Weight
0.38 Oz
Outline
AP-RE-A
ECCN
EAR99
FEATURES
Rectangular Waveguide Interface
Precisely Machined and Gold Plated
Linear Polarization
APPLICATIONS
Antenna Ranges
Antenna Directivity Measurements
System Setups
SUPPLEMENTAL DETAILS


Similar Part No. - SAP-12-R2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAP-121F-R2 ERAVANT-SAP-121F-R2 Datasheet
346Kb / 4P
WR-12 Probe Antenna, 6.5 dBi Directivity with 1mm Coax Input
Rev 1.4
More results

Similar Description - SAP-12-R2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
Probe assemblies
logo
Maxim Integrated Produc...
DS9092GT MAXIM-DS9092GT Datasheet
167Kb / 3P
iButton Probe
8/09
logo
TDK Electronics
B57227K0333A001 TDK-B57227K0333A001 Datasheet
234Kb / 9P
Probe assemblies
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
Probe assemblies
logo
Abracon Corporation
APAE1575R1240ABDD1-T ABRACON-APAE1575R1240ABDD1-T Datasheet
1Mb / 3P
1575.42MHZ; 12 x 12 x 4mm GPS Patch Antenna
01.13.14
logo
Laird Tech Smart Techno...
R2T9-12 LSTD-R2T9-12 Datasheet
1Mb / 2P
Low Profile 12 dBi antenna gain
logo
Taoglas antenna solutio...
SWLP2450124B02 TAOGLAS-SWLP2450124B02 Datasheet
1Mb / 18P
12*12*4mm 2.4GHz SMD Patch Antenna
logo
ASM GmbH
CT6700 ASM-SENSOR-CT6700 Datasheet
1Mb / 4P
CURRENT PROBE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com