Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP-22-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-22-R2
Description  WR-22 Probe Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-22-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-22-R2 Datasheet HTML 1Page - Eravant SAP-22-R2 Datasheet HTML 2Page - Eravant SAP-22-R2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAP-22-R2
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/3
Final Rev 1.6
WR-22 Probe Antenna
SAP-22-R2 is a Q-band probe antenna that operates from 33 GHz to 50
GHz. The antenna offers 6.5 dBi nominal directivity and 115 degrees
typical half power beamwidth on the E-plane and 60 degrees typical half
power beamwidth on the H-plane. The antenna supports linear polarized
waveforms. The input of this antenna is a WR-22 waveguide with
UG-383/U anti-cocking flange.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
33 GHz
50 GHz
Directivity
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Side Lobes, E-Plane
-10 dB
Side Lobes, H-Plane
-14 dB
Return Loss
13 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Antenna Port
WR-22 Waveguide
Flange Type
UG-383/U Anti-Cocking Flange
Size
2.20
” (L) x 1.125 (Ø)
Material
Brass
Finish
Gold Plated
Weight
1.2 Oz
Outline
AP-RQ-A
ECCN
EAR99
FEATURES
Rectangular Waveguide Interface
Precisely Machined and Gold Plated
Linear Polarization
APPLICATIONS
Antenna Ranges
Antenna Directivity Measurements
System Setups
SUPPLEMENTAL DETAILS


Similar Part No. - SAP-22-R2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAP-222F-E2 ERAVANT-SAP-222F-E2 Datasheet
349Kb / 4P
WR-22 Probe Antenna, 6.5 dBi Directivity with 2.4 mm Coax Input
Rev 1.2
SAP-222F-R2 ERAVANT-SAP-222F-R2 Datasheet
336Kb / 4P
WR-22 Probe Antenna, 6.5 dBi Directivity with 2.4 mm Coax Input
Rev 1.4
More results

Similar Description - SAP-22-R2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
Probe assemblies
logo
Pasternack Enterprises,...
PE9851A-15 PASTERNACK-PE9851A-15 Datasheet
385Kb / 3P
WR-34 Waveguide Standard Gain Horn Antenna Operating From 22 GHz to 33 GHz With a Nominal
PE9851A-20 PASTERNACK-PE9851A-20 Datasheet
434Kb / 3P
WR-34 Waveguide Standard Gain Horn Antenna Operating From 22 GHz to 33 GHz With a Nominal
PE-W22SF005-6 PASTERNACK-PE-W22SF005-6_V01 Datasheet
564Kb / 4P
WR-22 Seamless Flexible Waveguide
PE-W22SF005-12 PASTERNACK-PE-W22SF005-12_V01 Datasheet
565Kb / 4P
WR-22 Seamless Flexible Waveguide
PE-W22SF005-24 PASTERNACK-PE-W22SF005-24_V01 Datasheet
558Kb / 4P
WR-22 Seamless Flexible Waveguide
PE-W22TF005-6 PASTERNACK-PE-W22TF005-6_V01 Datasheet
558Kb / 4P
WR-22 Twistable Flexible Waveguide
PE-W22TF005-12 PASTERNACK-PE-W22TF005-12_V01 Datasheet
561Kb / 4P
WR-22 Twistable Flexible Waveguide
PE-W22TF005-24 PASTERNACK-PE-W22TF005-24_V01 Datasheet
558Kb / 4P
WR-22 Twistable Flexible Waveguide
logo
PHOENIX CONTACT
5606174 PHOENIX-5606174 Datasheet
45Kb / 2P
Antenna - RAD-ISM-5000-ANT-PAR-22-N
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com