Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS125ADE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LS125ADE4
Description  QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS125ADE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LS125ADE4 Datasheet HTML 2Page - Texas Instruments SN74LS125ADE4 Datasheet HTML 3Page - Texas Instruments SN74LS125ADE4 Datasheet HTML 4Page - Texas Instruments SN74LS125ADE4 Datasheet HTML 5Page - Texas Instruments SN74LS125ADE4 Datasheet HTML 6Page - Texas Instruments SN74LS125ADE4 Datasheet HTML 7Page - Texas Instruments SN74LS125ADE4 Datasheet HTML 8Page - Texas Instruments SN74LS125ADE4 Datasheet HTML 9Page - Texas Instruments SN74LS125ADE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN54125, SN54126, SN54LS125A, SN54LS126A,
SN74125, SN74126, SN74LS125A, SN74LS126A
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SDLS044A – DECEMBER 1983 – REVISED MARCH 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN54LS125A
SN54LS126A
SN74LS125A
SN74LS126A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
–1
–2.6
mA
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS125A
SN54LS126A
SN74LS125A
SN74LS126A
UNIT
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
VIK
VCC = MIN,
II = –18 mA
–1.5
–1.5
V
VOH
VCC = MIN,
VIL = 0.7 V,
IOH = –1 mA
2.4
V
VOH
VIH = 2 V
VIL = 0.8 V
IOH = –2.6 mA
2.4
V
V
MIN
VIL = 0.7 V,
IOL = 12 mA
0.25
0.4
VOL
VCC = MIN,
VIH =2V
VIL = 0.8 V,
IOL = 12 mA
0.25
0.4
V
VIH = 2 V
VIL = 0.8 V,
IOL = 24 mA
0.35
0.5
VIL =0 7V
VO = 2.4 V
20
I
VCC = MAX,
VIL = 0.7 V
VO = 0.4 V
–20
µA
IOZ
CC
,
VIH = 2 V,
VIL =0 8V
VO = 2.4 V
20
µA
VIL = 0.8 V
VO = 0.4 V
–20
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VI = 2.7 V
20
20
µA
IIL
VCC = MAX,
’LS125A-G inputs
–0.2
–0.2
mA
IIL
VI = 0.4 V
’LS125A-A inputs; ’LS126A All inputs
–0.4
–0.4
mA
IOS§
VCC = MAX
–40
–225
–40
–225
mA
ICC
VCC = MAX
’LS125A
11
20
11
20
mA
ICC
CC
(see Note 4)
’LS126A
12
22
12
22
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 4: Data inputs = 0 V; output control = 4.5 V for ’LS125A and 0 V for ’LS126A.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
SN54LS125A
SN74LS125A
SN54LS126A
SN74LS126A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tPLH
RL = 667 Ω
CL =45 pF
9
15
9
15
ns
tPHL
RL = 667 Ω,
CL = 45 F
7
18
8
18
ns
tPZH
RL = 667 Ω
CL =45 pF
12
20
16
25
ns
tPZL
RL = 667 Ω,
CL = 45 F
15
25
21
35
ns
tPHZ
RL = 667 Ω
CL =5 pF
20
25
ns
tPLZ
RL = 667 Ω,
CL = 5 F
20
25
ns
The SN54125, SN54126, SN74125,
SN74126, and SN54LS126A are
obsolete and are no longer supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com