Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP161 Datasheet(PDF) 5 Page - Power Innovations Ltd

Part # TIP161
Description  NPN SILICON POWER DARLINGTONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP161 Datasheet(HTML) 5 Page - Power Innovations Ltd

  TIP161 Datasheet HTML 1Page - Power Innovations Ltd TIP161 Datasheet HTML 2Page - Power Innovations Ltd TIP161 Datasheet HTML 3Page - Power Innovations Ltd TIP161 Datasheet HTML 4Page - Power Innovations Ltd TIP161 Datasheet HTML 5Page - Power Innovations Ltd TIP161 Datasheet HTML 6Page - Power Innovations Ltd TIP161 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
JUNE 1973 - REVISED MARCH 1997
TIP160, TIP161, TIP162
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 8.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0.1
1·0
10
100
SAD160AA
TIP160
TIP161
TIP162
T
C ≤
≤ 100oC
DC Operation
t
p = 150 ms,
d =
1%
t
p =
5 ms,
d =
5%
t
p =
1 ms,
d =
5%
t
p = 0.1 ms,
d =
5%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com