Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR151G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR151G
Description  1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR151G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR151G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR151G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
FR151G - FR157G
1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
DO-15
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, Lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260 oC /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.40 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FR
151G
FR
152G
FR
153G
FR
154G
FR
155G
FR
156G
FR
157G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 200 400 600 800 1000
V
Maximum RMS Voltage
VRMS
35
70
140 280 420 560 700
V
Maximum DC Blocking Voltage
VDC
50
100 200 400 600 800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.3
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
20
pF
Typical Thermal Resistance
RθJA
60
o
C/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.


Similar Part No. - FR151G_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_10 Datasheet
434Kb / 2P
1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Leshan Radio Company
FR151G LRC-FR151G_15 Datasheet
206Kb / 7P
Glass Passivated Junction
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_15 Datasheet
386Kb / 4P
1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
logo
Rugao Dachang Electroni...
FR151G DACHANG-FR151G_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
logo
GOOD-ARK Electronics
FR151G GOOD-ARK-FR151G_15 Datasheet
178Kb / 2P
Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
More results

Similar Description - FR151G_1

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR151G JGD-FR151G Datasheet
138Kb / 2P
1.5 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G Datasheet
47Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
1N5391G JGD-1N5391G Datasheet
131Kb / 2P
1.5 AMPS . GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G_1 Datasheet
226Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
FR151G TSC-FR151G Datasheet
68Kb / 2P
1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
RGP15A TSC-RGP15A Datasheet
68Kb / 2P
1.5 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
1N5391G TSC-1N5391G_10 Datasheet
482Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
FR151G TSC-FR151G_10 Datasheet
434Kb / 2P
1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
1N5391G LUGUANG-1N5391G Datasheet
94Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
1N5391G DYELEC-1N5391G Datasheet
694Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com